Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 106Page - Renesas Technology Corp 4571 Datasheet HTML 107Page - Renesas Technology Corp 4571 Datasheet HTML 108Page - Renesas Technology Corp 4571 Datasheet HTML 109Page - Renesas Technology Corp 4571 Datasheet HTML 110Page - Renesas Technology Corp 4571 Datasheet HTML 111Page - Renesas Technology Corp 4571 Datasheet HTML 112Page - Renesas Technology Corp 4571 Datasheet HTML 113Page - Renesas Technology Corp 4571 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 126 page
background image
Rev.1.02
May 25, 2007
Page 110 of 124
REJ03B0179-0102
4571 Group
Skip condition
Detailed description
−−
Clears (0) to interrupt enable flag INTE, and disables the interrupt.
−−
Sets (1) to interrupt enable flag INTE, and enables the interrupt.
V10 = 0 : (EXF0) = 1
−
When V10 = 0 : Clears (0) to the EXF0 flag and skips the next instruction when external 0 interrupt request
flag EXF0 is “1”. When the EXF0 flag is “0”, executes the next instruction.
When V10 = 1 : This instruction is equivalent to the NOP instruction. (V10: bit 0 of interrupt control register
V1)
(INT0) =
“L”
However, I12 = 0
−
When I12 = 0 : Skips the next instruction when the level of INT0 pin is “L”. Executes the next instruction when
the level of INT0 pin is “H”.
(INT0) =
“H”
However, I12 = 1
When I12 = 1 : Skips the next instruction when the level of INT0 pin is “H”. Executes the next instruction when
the level of INT0 pin is “L”. (I12: bit 2 of interrupt control register I1)
V11 = 0 : (EXF1) = 1
−
When V11 = 0 : Clears (0) to the EXF1 flag and skips the next instruction when external 1 interrupt request
flag EXF1 is “1”. When the EXF1 flag is “0”, executes the next instruction.
When V11 = 1 : This instruction is equivalent to the NOP instruction. (V11: bit 1 of interrupt control register
V1)
I22 = 0 :
(INT1) =
“L”
−
When I22 = 0 : Skips the next instruction when the level of INT1 pin is “L”. Executes the next instruction when
the level of INT1 pin is “H”.
I22 = 1 :
(INT1) =
“H”
When I22 = 1 : Skips the next instruction when the level of INT1 pin is “H”. Executes the next instruction when
the level of INT1 pin is “L”. (I22: bit 2 of interrupt control register I2)
−−
Transfers the contents of interrupt control register V1 to register A.
−−
Transfers the contents of register A to interrupt control register V1.
−−
Transfers the contents of interrupt control register V2 to register A.
−−
Transfers the contents of register A to interrupt control register V2.
−−
Transfers the contents of interrupt control register I1 to register A.
−−
Transfers the contents of register A to interrupt control register I1.
−−
Transfers the contents of interrupt control register I2 to register A.
−−
Transfers the contents of register A to interrupt control register I2.
−−
Transfers the contents of register A (A1, A0) to timer control register PA.
−−
Transfers the contents of timer control register W1 to register A.
−−
Transfers the contents of register A to timer control register W1.
−−
Transfers the contents of timer control register W2 to register A.
−−
Transfers the contents of register A to timer control register W2.
−−
Transfers the contents of timer control register W3 to register A.
−−
Transfers the contents of register A to timer control register W3.
−−
Transfers the contents of timer control register W5 to register A.
−−
Transfers the contents of register A to timer control register W5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com