Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 108Page - Renesas Technology Corp 4571 Datasheet HTML 109Page - Renesas Technology Corp 4571 Datasheet HTML 110Page - Renesas Technology Corp 4571 Datasheet HTML 111Page - Renesas Technology Corp 4571 Datasheet HTML 112Page - Renesas Technology Corp 4571 Datasheet HTML 113Page - Renesas Technology Corp 4571 Datasheet HTML 114Page - Renesas Technology Corp 4571 Datasheet HTML 115Page - Renesas Technology Corp 4571 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 126 page
background image
Rev.1.02
May 25, 2007
Page 112 of 124
REJ03B0179-0102
4571 Group
Skip condition
Detailed description
−−
Transfers the high-order 4 bits of prescaler to register B.
Transfers the low-order 4 bits of prescaler to register A.
−−
Transfers the contents of register B to the high-order 4 bits of prescaler and prescaler reload register RPS.
Transfers the contents of register A to the low-order 4 bits of prescaler and prescaler reload register RPS.
−−
Transfers the high-order 4 bits (T17
−T14) of timer 1 to register B.
Transfers the low-order 4 bits (T13
−T10) of timer 1 to register A.
−−
Transfers the contents of register B to the high-order 4 bits of timer 1 and timer 1 reload register R1L.
Transfers the contents of register A to the low-order 4 bits of timer 1 and timer 1 reload register R1L.
−−
Transfers the contents of register B to the high-order 4 bits (R17
−R14) of reload register R1, and the contents
of register A to the low-order 4 bits (R13
−R10) of reload register R1.
−−
Transfers the high-order 4 bits (T27
−T24) of timer 2 to register B.
Transfers the low-order 4 bits (T23
−T20) of timer 2 to register A.
−−
Transfers the contents of register B to the high-order 4 bits of timer 2 and timer 2 reload register R2L.
Transfers the contents of register A to the low-order 4 bits of timer 2 and timer 2 reload register R2L.
−−
Transfers the high-order 4 bits (T37
−T34) of timer 3 to register B.
Transfers the low-order 4 bits (T33
−T30) of timer 3 to register A.
−−
Transfers the contents of register B to the high-order 4 bits of timer 3 and timer 3 reload register R3L.
Transfers the contents of register A to the low-order 4 bits of timer 3 and timer 3 reload register R3L.
−−
Transfers the contents of register B to the high-order 4 bits of timer 3 reload register R3H.
Transfers the contents of register A to the low-order 4 bits of timer 3 reload register R3H.
−−
Transfers the contents of timer 3 reload register R3L to timer 3.
V12 = 0 : (T1F) = 1
−
When V12 = 0 : Clears (0) to the T1F flag and skips the next instruction when timer 1 interrupt request flag
T1F is “1”. When the T1F flag is “0”, executes the next instruction.
When V12 = 1 : This instruction is equivalent to the NOP instruction.
(V12: bit 2 of interrupt control register V1)
V13 = 0 : (T2F) = 1
−
When V13 = 0 : Clears (0) to the T2F flag and skips the next instruction when timer 2 interrupt request flag
T2F is “1”. When the T2F flag is “0”, executes the next instruction.
When V13 = 1 : This instruction is equivalent to the NOP instruction.
(V13: bit 3 of interrupt control register V1)
V20 = 0 : (T3F) = 1
−
When V20 = 0 : Clears (0) to the T3F flag and skips the next instruction when timer 3 interrupt request flag
T3F is “1”. When the T3F flag is “0”, executes the next instruction.
When V20 = 1 : This instruction is equivalent to the NOP instruction.
(V20: bit 0 of interrupt control register V2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com