Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 5 Page - Analog Devices

  AD9632 Datasheet HTML 1Page - Analog Devices AD9632 Datasheet HTML 2Page - Analog Devices AD9632 Datasheet HTML 3Page - Analog Devices AD9632 Datasheet HTML 4Page - Analog Devices AD9632 Datasheet HTML 5Page - Analog Devices AD9632 Datasheet HTML 6Page - Analog Devices AD9632 Datasheet HTML 7Page - Analog Devices AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD9631/AD9632
Rev. D | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (+VS to −VS)
12.6 V
Voltage Swing × Bandwidth Product
550 V × MHz
Internal Power Dissipation
PDIP (N)
1.3 W
SOIC (R)
0.9 W
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±1.2 V
Output Short Circuit Duration
Observe Power
Derating Curves
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range (A Grade)
−40°C to +85°C
Lead Temperature Range (Soldering 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
METALLIZATION PHOTO
Figure 3. Dimensions shown in inches and (millimeters) Connect Substrate to −VS
THERMAL RESISTANCE
Table 3.
Package Type1
θJA
Unit
8-Lead PDIP (N)
90
°C/W
8-Lead SOIC (R)
140
°C/W
1 For device in free air.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by these
devices is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsu-
lated devices is determined by the glass transition temperature
of the plastic, approximately 150°C. Exceeding this limit tempo-
rarily may cause a shift in parametric performance due to a
change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175°C for an extended
period can result in device failure.
While the AD9631 and AD9632 are internally short circuit
protected, this may not be sufficient to guarantee that the max-
imum junction temperature (150°C) is not exceeded under all
conditions. To ensure proper operation, it is necessary to
observe the maximum power derating curves.
Figure 4. Maximum Power Dissipation vs. Temperature
ESD CAUTION
AD9631
AD9632
–IN
–IN
2
+VS
7
6
OUT
2
+VS
7
6
OUT
3
+IN
4
–VS
3
+IN
4
–VS
0.046
(1.17)
0.050 (1.27)
0.046
(1.17)
2.0
0
0.5
1.0
1.5
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE (°C)
8-LEAD SOIC PACKAGE
8-LEAD PDIP PACKAGE
TJ = 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com