Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9632 Datasheet HTML 6Page - Analog Devices AD9632 Datasheet HTML 7Page - Analog Devices AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices AD9632 Datasheet HTML 10Page - Analog Devices AD9632 Datasheet HTML 11Page - Analog Devices AD9632 Datasheet HTML 12Page - Analog Devices AD9632 Datasheet HTML 13Page - Analog Devices AD9632 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9631/AD9632
Data Sheet
Rev. D | Page 10 of 20
Figure 29. AD9632 Small Signal Frequency Response, G = +2
Figure 30. AD9632 0.1 dB Flatness, N Package (for R Package Add 20 Ω to RF)
Figure 31. AD9632 Open-Loop Gain and Phase Margin vs. Frequency,
RL = 100 Ω
Figure 32. AD9632 Small Signal −3 dB Bandwidth vs. RF, RIN
Figure 33. AD9632 Large Signal Frequency Response, G = +2
Figure 34. AD9632 Small Signal Frequency Response, G = −1
7
–3
–2
–1
0
1
2
3
4
5
6
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 300mV p-p
RF = 425Ω
RF = 225Ω
RF = 125Ω
RF = 325Ω
0.1
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
G = +2
VOUT = 300mV p-p
RF = 275Ω
RF = 325Ω
RF = 375Ω
RF = 425Ω
65
–15
–10
–5
0
5
10
15
20
25
30
35
40
45
50
55
60
100
150
50
0
–50
–100
–150
–200
–250
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
PHASE
GAIN
375
350
325
300
275
250
225
200
175
150
125
50
100
150
200
250
300
350
400
450
500
550
600
VALUE OF RF, RIN (Ω)
VS = ±5V
RL = 100Ω
G = +2
N PACKAGE
R PACKAGE
AD9632
RF
RL
100Ω
49.9Ω
RIN
7
–3
–2
–1
0
1
2
3
4
5
6
1M
10M
100M
500M
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 4V p-p
RF = 425Ω
RF = 125Ω TO 425Ω
BY 100Ω
1
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 300mV p-p
RF, RIN = 267Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com