Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices AD9632 Datasheet HTML 10Page - Analog Devices AD9632 Datasheet HTML 11Page - Analog Devices AD9632 Datasheet HTML 12Page - Analog Devices AD9632 Datasheet HTML 13Page - Analog Devices AD9632 Datasheet HTML 14Page - Analog Devices AD9632 Datasheet HTML 15Page - Analog Devices AD9632 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD9631/AD9632
Data Sheet
Rev. D | Page 12 of 20
Figure 41. AD9631 Noise vs. Frequency
Figure 42. AD9631 PSRR vs. Frequency
Figure 43. AD9631 CMRR vs. Frequency
Figure 44. AD9632 Noise vs. Frequency
Figure 45. AD9632 PSRR vs. Frequency
Figure 46. AD9632 CMRR vs. Frequency
24
3
6
9
12
15
18
21
10
100
1k
100k
10k
FREQUENCY (Hz)
VS = ±5V
80
75
70
65
0
5
10
15
20
25
30
35
40
45
50
55
60
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
–PSRR
+PSRR
100
90
20
30
40
50
60
70
80
100k
1M
10M
1G
100M
FREQUENCY (Hz)
VS = ±5V
ΔVCM = 1V
RL = 100Ω
17
3
5
7
9
11
13
15
10
100
1k
100k
10k
FREQUENCY (Hz)
VS = ±5V
80
75
70
65
0
5
10
15
20
25
30
35
40
45
50
55
60
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
–PSRR
+PSRR
100
90
20
30
40
50
60
70
80
100k
1M
10M
1G
100M
FREQUENCY (Hz)
VS = ±5V
ΔVCM = 1V
RL = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com