Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9632 Datasheet HTML 4Page - Analog Devices AD9632 Datasheet HTML 5Page - Analog Devices AD9632 Datasheet HTML 6Page - Analog Devices AD9632 Datasheet HTML 7Page - Analog Devices AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices AD9632 Datasheet HTML 10Page - Analog Devices AD9632 Datasheet HTML 11Page - Analog Devices AD9632 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD9631/AD9632
Data Sheet
Rev. D | Page 8 of 20
Figure 17. AD9631 Small Signal Frequency Response, G = +1
Figure 18. AD9631 0.1 dB Flatness, N Package (for R Package Add 20 Ω to RF)
Figure 19. AD9631 Open-Loop Gain and Phase Margin vs. Frequency,
RL = 100 Ω
Figure 20. AD9631 Small Signal −3 dB Bandwidth vs. RF
Figure 21. AD9631 Large Signal Frequency Response, G = +1
Figure 22. AD9631 Small Signal Frequency Response, G = −1
1
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 300mV p-p
RF = 200Ω
RF = 100Ω
RF = 50Ω
RF = 150Ω
0.1
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
1M
10M
100M
500M
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
G = +1
VOUT = 300mV p-p
RF = 150Ω
RF = 140Ω
RF = 100Ω
RF = 120Ω
90
80
–20
–10
0
10
20
30
40
50
60
70
100
80
–120
–100
–80
–60
–40
–20
0
20
40
60
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
PHASE
GAIN
450
250
300
350
400
475
275
358
375
425
20
40
60
80
100
120
140
160
180
200
220
240
VALUE OF FEEDBACK RESISTOR, RF (Ω)
VS = ±5V
RL = 100Ω
G = +1
N PACKAGE
R PACKAGE
RF
RL
130Ω
AD9631
1
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1M
10M
100M
500M
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 4V p-p
RF = 250Ω
RF = 50Ω TO 250Ω
BY 50Ω
1
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
VOUT = 300mV p-p
RF = 267Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com