Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 3 Page - Analog Devices

  AD9632 Datasheet HTML 1Page - Analog Devices AD9632 Datasheet HTML 2Page - Analog Devices AD9632 Datasheet HTML 3Page - Analog Devices AD9632 Datasheet HTML 4Page - Analog Devices AD9632 Datasheet HTML 5Page - Analog Devices AD9632 Datasheet HTML 6Page - Analog Devices AD9632 Datasheet HTML 7Page - Analog Devices AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD9631/AD9632
Rev. D | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
±VS = ±5 V; RLOAD = 100 Ω; AV = 1 (AD9631); AV = 2 (AD9632), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
AD9631
AD9632
Unit
Min
Typ
Max
Min
Typ
Max
DYNAMIC PERFORMANCE
Bandwidth (–3 dB)
Small Signal
VOUT ≤ 0.4 V p-p
220
320
180
250
MHz
Large Signal1
VOUT = 4 V p-p
150
175
155
180
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 300 mV p-p
RF = 140 Ω (AD9631);
RF = 425 Ω (AD9632)
130
130
MHz
Slew Rate, Average ±
VOUT = 4 V step
1000
1300
1200
1500
V/μs
Rise/Fall Time
VOUT = 0.5 V step
1.2
1.4
ns
VOUT = 4 V step
2.5
2.1
ns
Settling Time
To 0.1%
VOUT = 2 V step
11
11
ns
To 0.01%
VOUT = 2 V step
16
16
ns
HARMONIC/NOISE PERFORMANCE
Second Harmonic Distortion
2 V p-p; 20 MHz, RL = 100 Ω
−64
−57
−54
−47
dBc
RL = 500 Ω
−72
−65
−72
−65
dBc
Third Harmonic Distortion
2 V p-p; 20 MHz, RL = 100 Ω
−76
−69
−74
−67
dBc
RL = 500 Ω
−81
−74
−81
−74
dBc
Third-Order Intercept
25 MHz
46
41
dBm
Noise Figure
RS = 50 Ω
18
14
dB
Input Voltage Noise
1 MHz to 200 MHz
7.0
4.3
nA/√Hz
Input Current Noise
1 MHz to 200 MHz
2.5
2.0
pA/√Hz
Average Equivalent Integrated
Input Noise Voltage
0.1 MHz to 200 MHz
100
60
μV rms
Differential Gain Error (3.58 MHz)
RL = 150 Ω
0.03
0.06
0.02
0.04
%
Differential Phase Error (3.58 MHz)
RL = 150 Ω
0.02
0.04
0.02
0.04
Degree
Phase Nonlinearity
DC to 100 MHz
1.1
1.1
Degree
DC PERFORMANCE2
RL = 150 Ω
Input Offset Voltage3
3
10
2
5
mV
TMIN − TMAX
13
8
mV
Offset Voltage Drift
±10
±10
µV/°C
Input Bias Current
2
7
2
7
µA
TMIN − TMAX
10
10
µA
Input Offset Current
0.1
3
0.1
3
µA
TMIN − TMAX
5
5
µA
Common-Mode Rejection Ratio
VCM = ± 2.5 V
70
90
70
90
dB
Open-Loop Gain
VOUT = ± 2.5 V
46
52
46
52
dB
TMIN − TMAX
40
40
dB
INPUT CHARACTERISTICS
Input Resistance
500
500
kΩ
Input Capacitance
1.2
1.2
pF
Input Common-Mode Voltage Range
±3.4
±3.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com