Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9632 Datasheet HTML 11Page - Analog Devices AD9632 Datasheet HTML 12Page - Analog Devices AD9632 Datasheet HTML 13Page - Analog Devices AD9632 Datasheet HTML 14Page - Analog Devices AD9632 Datasheet HTML 15Page - Analog Devices AD9632 Datasheet HTML 16Page - Analog Devices AD9632 Datasheet HTML 17Page - Analog Devices AD9632 Datasheet HTML 18Page - Analog Devices AD9632 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD9631/AD9632
Rev. D | Page 15 of 20
THEORY OF OPERATION
GENERAL
The AD9631/AD9632 are wide bandwidth, voltage feedback
amplifiers. Because their open-loop frequency response follows
the conventional 6 dB/octave roll-off, their gain bandwidth
product is basically constant. Increasing their closed-loop gain
results in a corresponding decrease in small signal bandwidth.
This can be observed by noting the bandwidth specification
between the AD9631 (gain of +1) and AD9632 (gain of +2). The
AD9631/AD9632 typically maintain 65° of phase margin. This
high margin minimizes the effects of signal and noise peaking.
FEEDBACK RESISTOR CHOICE
The value of the feedback resistor is critical for optimum per-
formance on the AD9631 (gain of +1) and less critical as the
gain increases. Therefore, this section is specifically targeted
at the AD9631.
At the minimum stable gain (+1), the AD9631 provides opti-
mum dynamic performance with RF = 140 Ω. This resistor acts
as a parasitic suppressor only against damped RF oscillations
that can occur due to lead (input, feedback) inductance and
parasitic capacitance. This value of RF provides the best combi-
nation of wide bandwidth, low parasitic peaking, and fast
settling time.
In fact, for the same reasons, place a 100 Ω to 130 Ω resistor in
series with the positive input for other AD9631 noninverting
and all AD9631 inverting configurations. The correct connec-
tion is shown in Figure 59 and Figure 60.
Figure 59. Noninverting Operation
Figure 60. Inverting Operation
When the AD9631 is used in the transimpedance (I to V)
mode, such as in photodiode detection, the value of RF and
diode capacitance (CI) are usually known. Generally, the value
of RF selected will be in the kΩ range, and a shunt capacitor (CF)
across RF will be required to maintain good amplifier stability.
The value of CF required to maintain optimal flatness (<1 dB
peaking) and settling time can be estimated by
(
)
[
]2
1
2
2
/
1
2
F
O
F
I
O
F
R
R
C
C
ω
ω
−
≅
where:
ωO is equal to the unity gain bandwidth product of the amplifier
in rad/sec.
CI is the equivalent total input capacitance at the inverting input.
Typically ωO = 800 × 106 rad/sec (see Figure 19).
As an example, choosing RF = 10 kΩ and CI = 5 pF requires CF
to be 1.1 pF (Note that CI includes both source and parasitic
circuit capacitance). The bandwidth of the amplifier can be
estimated using CF:
F
F
3dB
C
R
f
π
2
6
.
1
≅
Figure 61. Transimpedance Configuration
For general voltage gain applications, the amplifier bandwidth
can be closely estimated as
(
)
G
F
O
3dB
R
R
f
/
1
2
+
≅
π
ω
This estimation loses accuracy for gains of +2/−1 or lower due
to the damping factor of the amplifier. For these low gain cases,
the bandwidth will actually extend beyond the calculated value
(see Figure 17 and Figure 29).
As a general rule, Capacitor CF will not be required if
(
)
O
I
G
F
NG
C
R
R
ω
4
≤
×
where NG is the noise gain (1 + RF/RG) of the circuit. For most
voltage gain applications, this should be the case.
+VS
0.1µF
0.1µF
10µF
10µF
–VS
100Ω TO
130Ω
RIN
RTERM
VIN
VOUT
RF
RG
RF
RG
G = 1 +
AD9631/
AD9632
+VS
0.1µF
0.1µF
10µF
10µF
–VS
RTERM
VIN
VOUT
RF
RG
RF
RG
G = 1 –
AD9631/
AD9632
100Ω TO
130Ω
RIN
VOUT
RF
CF
CI
II
AD9631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com