Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9632 Datasheet HTML 12Page - Analog Devices AD9632 Datasheet HTML 13Page - Analog Devices AD9632 Datasheet HTML 14Page - Analog Devices AD9632 Datasheet HTML 15Page - Analog Devices AD9632 Datasheet HTML 16Page - Analog Devices AD9632 Datasheet HTML 17Page - Analog Devices AD9632 Datasheet HTML 18Page - Analog Devices AD9632 Datasheet HTML 19Page - Analog Devices AD9632 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD9631/AD9632
Data Sheet
Rev. D | Page 18 of 20
ANALOG-TO-DIGITAL CONVERTER (ADC) DRIVER
As ADCs move toward higher speeds with higher resolutions,
there becomes a need for high performance drivers that will not
degrade the analog signal to the converter. It is desirable from a
system’s standpoint that the ADC be the element in the signal
chain that ultimately limits overall distortion. Figure 66 is such
an example.
Figure 66. AD9631 Used as Driver for an ADC Signal Chain
LAYOUT CONSIDERATIONS
The specified high speed performance of the AD9631/AD9632
requires careful attention to board layout and component
selection. Proper RF design techniques and low-pass parasitic
component selection are mandatory.
The PCB should have a ground plane covering all unused
portions of the component side of the board to provide a low
impedance path. Remove the ground plane from the area near
the input pins to reduce stray capacitance.
Use chip capacitors for supply bypassing (see Figure 59 and
Figure 60). Connect one end to the ground plane, and the other
within 1/8 inch of each power pin. Connect an additional large
(0.47 μF to 10 μF) tantalum electrolytic capacitor in parallel,
though not necessarily so close, to supply current for fast, large
signal changes at the output.
The feedback resistor should be located close to the inverting
input pin to keep the stray capacitance at this node to a mini-
mum. Capacitance variations of less than 1 pF at the inverting
input will significantly affect high speed performance.
Use stripline design techniques for long signal traces (greater
than about 1 inch). These should be designed with a
characteristic impedance of 50 Ω or 75 Ω and be properly
terminated at each end.
+5V
–5V
130Ω
140Ω
ANALOG IN
AD9631
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com