Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9632 Datasheet HTML 10Page - Analog Devices AD9632 Datasheet HTML 11Page - Analog Devices AD9632 Datasheet HTML 12Page - Analog Devices AD9632 Datasheet HTML 13Page - Analog Devices AD9632 Datasheet HTML 14Page - Analog Devices AD9632 Datasheet HTML 15Page - Analog Devices AD9632 Datasheet HTML 16Page - Analog Devices AD9632 Datasheet HTML 17Page - Analog Devices AD9632 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD9631/AD9632
Data Sheet
Rev. D | Page 14 of 20
Figure 53. Supply Current vs. Temperature
Figure 54. Input Offset Voltage vs. Temperature
Figure 55. AD9631 Input Offset Voltage Distribution
Figure 56. Short Circuit Current vs. Temperature
Figure 57. Input Bias Current vs. Temperature
Figure 58. AD9632 Input Offset Voltage Distribution
21
20
19
18
17
16
15
14
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
±6V
±6V
±5V
±5V
AD9631
AD9631
AD9632
AD9632
–1.0
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
AD9631
AD9632
VS = ±5V
VS = ±5V
VS = ±6V
VS = ±6V
220
0
20
40
60
80
100
120
140
160
180
200
100
0
10
20
30
40
50
60
70
80
90
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
INPUT OFFSET VOLTAGE (mV)
CUMULATIVE
FREQUENCY
DISTRIBUTION
3 WAFER LOTS
COUNT = 1373
250
180
190
200
210
220
230
240
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
AD9631
AD9632
SINK
SINK
SOURCE
SOURCE
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
AD9631
AD9632
+IB
+IB
–IB
–IB
180
0
20
40
60
80
100
120
140
160
100
0
10
20
30
40
50
60
70
80
90
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
INPUT OFFSET VOLTAGE (mV)
CUMULATIVE
FREQUENCY
DISTRIBUTION
3 WAFER LOTS
COUNT = 573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com