Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9632 Datasheet HTML 7Page - Analog Devices AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices AD9632 Datasheet HTML 10Page - Analog Devices AD9632 Datasheet HTML 11Page - Analog Devices AD9632 Datasheet HTML 12Page - Analog Devices AD9632 Datasheet HTML 13Page - Analog Devices AD9632 Datasheet HTML 14Page - Analog Devices AD9632 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD9631/AD9632
Rev. D | Page 11 of 20
Figure 35. AD9632 Harmonic Distortion vs. Frequency, RL = 500 Ω
Figure 36. AD9632 Harmonic Distortion vs. Frequency, RL = 100 Ω
Figure 37. AD9632 Third Order Intercept vs. Frequency
Figure 38. AD9632 Differential Gain and Phase Error G = +2, RL = 150 Ω
Figure 39. AD9632 Short-Term Settling Time, 2 V Step, RL = 100 Ω
Figure 40. AD9632 Long-Term Settling Time, 2 V Step, RL = 100 Ω
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
10k
100k
1M
100M
10M
FREQUENCY (Hz)
VS = ±5V
RL = 500Ω
G = +2
VOUT = 2V p-p
SECOND
HARMONIC
THIRD
HARMONIC
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
10k
100k
1M
100M
10M
FREQUENCY (Hz)
VS = ±5V
RL = 100Ω
G = +2
VOUT = 2V p-p
SECOND
HARMONIC
THIRD
HARMONIC
50
10
15
20
25
30
35
40
45
10
100
FREQUENCY (MHz)
–0.04
–0.02
0
0.02
0.04
–0.04
–0.02
0
0.02
0.04
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
11TH
10TH
0.2
–0.3
–0.2
–0.1
0
0.1
0
10
20
30
40
50
60
70
80
SETTLING TIME (ns)
0.3
–0.2
–0.1
0
0.1
0.2
0
1
2
3
4
5
6
8
10
7
9
SETTLING TIME (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com