Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8664 Datasheet HTML 3Page - Maxim Integrated Products MAX8664 Datasheet HTML 4Page - Maxim Integrated Products MAX8664 Datasheet HTML 5Page - Maxim Integrated Products MAX8664 Datasheet HTML 6Page - Maxim Integrated Products MAX8664 Datasheet HTML 7Page - Maxim Integrated Products MAX8664 Datasheet HTML 8Page - Maxim Integrated Products MAX8664 Datasheet HTML 9Page - Maxim Integrated Products MAX8664 Datasheet HTML 10Page - Maxim Integrated Products MAX8664 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
NAME
FUNCTION
17
VCC
Internal Analog Supply. VCC regulates to 1.5V below VVL. Connect a 1µF ceramic capacitor from VCC to GND.
When using a 4.5V to 5.5V supply, connect a 10
Ω resistor from VCC to IN. VCC is used to power the IC’s
internal circuitry.
18
PWRGD
Open-Drain Power-Good Output. PWRGD is high impedance when controllers 1 and 2 (using the internal
reference) are in regulation. PWRGD is low if the outputs are out of regulation, if there is a fault condition, or if
the IC is shut down. PWRGD does not reflect the status of output 2 in the MAX8664A or when REFIN2 is
connected to an external reference in the MAX8664B.
19
FB1
Feedback Input for Controller 1. Connect FB1 to the center of a resistor-divider connected between the output
of controller 1 and GND to set the desired output voltage. VFB1 regulates to 0.6V.
20
ILIM1
Current-Limit Set for Controller 1. Connect a resistor from the drain of the high-side MOSFET(s) to ILIM1. See
the Setting the Overcurrent Threshold section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com