Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8664 Datasheet HTML 1Page - Maxim Integrated Products MAX8664 Datasheet HTML 2Page - Maxim Integrated Products MAX8664 Datasheet HTML 3Page - Maxim Integrated Products MAX8664 Datasheet HTML 4Page - Maxim Integrated Products MAX8664 Datasheet HTML 5Page - Maxim Integrated Products MAX8664 Datasheet HTML 6Page - Maxim Integrated Products MAX8664 Datasheet HTML 7Page - Maxim Integrated Products MAX8664 Datasheet HTML 8Page - Maxim Integrated Products MAX8664 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX8664 dual-output PWM controller is a low-cost,
high-performance solution for systems requiring dual
power supplies. It provides two individual outputs that
operate 180° out-of-phase to minimize input current
ripple, and therefore, capacitance requirements. Built-in
drivers are capable of driving external MOSFETs to
deliver up to 25A output current from each channel.
The MAX8664 operates from a 4.5V to 28V input volt-
age source and generates output voltages from 0.6V
up to 90% of the input voltage on each channel. Total
output regulation error is less than ±0.8% over load,
line, and temperature.
The MAX8664 operates with a constant switching fre-
quency adjustable from 100kHz to 1MHz. Built-in boost
diodes reduce external component count. Digital soft-
start eliminates input inrush current during startup. The
second output has an optional external REFIN2, facili-
tating tracking supply applications. Each output is
capable of sourcing and sinking current, making the
device a great solution for DDR applications.
The MAX8664 employs Maxim’s proprietary peak volt-
age-mode control architecture that provides superior
transient response during either load or line transients.
This architecture is easily stabilized using two resistors
and one capacitor for any type of output capacitors. Fast
transient response requires less output capacitance,
consequently reducing total system cost. The MAX8664B
latches off both controllers during a fault condition, while
the MAX8664A allows one controller to continue to func-
tion when there is a fault in the other controller.
Applications
Desktop and Notebook PCs
Graphic Cards
ASIC/CPU/DSP Power Supplies
Set-Top Box Power Supply
Printer Power Supply
Network Power Supply
POL Power Supply
Features
o ±0.8% Output Accuracy Over Load and Line
o Operates from a Single 4.5V to 28V Supply
o Simple Compensation for Any Type of Output
Capacitor
o Internal 6.5V Regulator for Gate Drive
o Integrated Boost Diodes
o Adjustable Output from 0.6V to 0.9 x VIN
o Digital Soft-Start Reduces Inrush Current
o 100kHz to 1MHz Adjustable Switching
o 180° Out-of-Phase Operation Reduces Input
Ripple Current
o Overcurrent and Overvoltage Protection
o External Reference Input for Second Controller
o Prebiased Startup Operation
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-0796; Rev 0; 4/07
For pricing delivery, and ordering information please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: This device operates over the -40°C to +85°C operating
temperature range.
+
Denotes lead-free package.
Pin Configuration appears at end of data sheet.
PART
PIN-
PACKAGE
PKG
CODE
FAULT
ACTION
MAX8664AEEP+
20 QSOP
E20-1
Independent
MAX8664BEEP+
20 QSOP
E20-1
Joint
DH1
BST1
DL1
BST2
FB2
FB1
LX1
PGND
DH2
LX2
DL2
GND
IN1
OUT2
IN2
OSC/EN12
ILIM2
PWRGD
REFIN2
VCC
IN
ILIM1
VL
MAX8664
OUT1
Typical Operating Circuit


Similar Part No. - MAX8664

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660 Datasheet
826Kb / 43P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 44P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8660A MAXIM-MAX8660A Datasheet
1Mb / 42P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
More results

Similar Description - MAX8664

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6725 STMICROELECTRONICS-L6725 Datasheet
533Kb / 27P
Low cost adjustable step-down controller
26-Jun-2006
logo
Linear Technology
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
logo
Advanced Power Electron...
APE8858A A-POWER-APE8858A Datasheet
134Kb / 7P
FAST TRANSIENT RESPONSE LINEAR CONTROLLER
logo
ACE Technology Co., LTD...
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
logo
Linear Technology
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186_18 Datasheet
212Kb / 10P
Fast Transient Response Low Voltage
April, 2018 ??Rev. 3
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com