Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8664 Datasheet HTML 17Page - Maxim Integrated Products MAX8664 Datasheet HTML 18Page - Maxim Integrated Products MAX8664 Datasheet HTML 19Page - Maxim Integrated Products MAX8664 Datasheet HTML 20Page - Maxim Integrated Products MAX8664 Datasheet HTML 21Page - Maxim Integrated Products MAX8664 Datasheet HTML 22Page - Maxim Integrated Products MAX8664 Datasheet HTML 23Page - Maxim Integrated Products MAX8664 Datasheet HTML 24Page - Maxim Integrated Products MAX8664 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
______________________________________________________________________________________
21
VRIPPLE = VRIPPLE(ESR) + VRIPPLE(C) + VRIPPLE(ESL)
The output voltage ripple as a consequence of the
ESR, ESL, and output capacitance is:
where IP-P is the peak-to-peak inductor current:
These equations are suitable for initial capacitor selec-
tion, but final values should be chosen based on a pro-
totype or evaluation circuit. As a general rule, a smaller
ripple current results in less output-voltage ripple. Since
the inductor ripple current is a factor of the inductor
value and input voltage, the output-voltage ripple
decreases with larger inductance, and increases with
higher input voltages. Ceramic, tantalum, or aluminum
polymer electrolytic capacitors are recommended. The
aluminum electrolytic capacitor is the least expensive;
however, it has higher ESR and ESL. To compensate for
this, use a ceramic capacitor in parallel to reduce the
switching ripple and noise. For reliable and safe opera-
tion, ensure that the capacitor’s voltage and ripple-cur-
rent ratings exceed the calculated values.
The response to a load transient depends on the
selected output capacitors. After a load transient, the
output voltage instantly changes by ESR x
ΔILOAD.
Before the controller can respond, the output voltage
deviates further depending on the inductor and output
capacitor values. After a short period of time (see the
Typical Operating Characteristics), the controller
responds by regulating the output voltage back to its
nominal state. The controller response time depends on
its closed-loop bandwidth. With a higher bandwidth,
the response time is faster, thus preventing the output
voltage from further deviation from its regulating value.
Setting the Output Voltages and Voltage
Positioning
Figure 7 shows the feedback network used on the
MAX8664. With this configuration, a portion of the feed-
back signal is sensed on the switched side of the
inductor (LX), and the output voltage droops slightly as
the load current is increased due to the DC resistance
of the inductor (DCR). This allows the load regulation to
be set to match the voltage droop during a load tran-
sient (voltage positioning), reducing the peak-to-peak
output voltage deviation during a load transient, and
reducing the output capacitance requirements.
To set the magnitude of the voltage positioning, select
a value for R2 in the 8kΩ to 24kΩ range, then calculate
the value of R1 as follows:
where IOUT(MAX) is the maximum output current and
Δ VOUT(MAX) is the maximum allowable droop in the
output voltage at full load.
RR
I
DCR
V
OUT MAX
OUT MAX
12
1
=×
×
−
⎛
⎝⎜
⎞
⎠⎟
()
()
Δ
I
VV
fL
V
V
PP
IN
OUT
S
OUT
IN
− =
−
×
×
V
I
ESR
V
V
L ESL
ESL
V
I
Cf
RIPPLE ESR
P P
RIPPLE ESL
IN
RIPPLE C
PP
OUT
S
()
()
()
=×
=
+
×
=
××
−
−
8
L
DCR
LX_
FB_
OUT
ESR
COUT
RLOAD
R1
R2
R3
Cr
Figure 7. Feedback Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com