Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8664 Datasheet HTML 9Page - Maxim Integrated Products MAX8664 Datasheet HTML 10Page - Maxim Integrated Products MAX8664 Datasheet HTML 11Page - Maxim Integrated Products MAX8664 Datasheet HTML 12Page - Maxim Integrated Products MAX8664 Datasheet HTML 13Page - Maxim Integrated Products MAX8664 Datasheet HTML 14Page - Maxim Integrated Products MAX8664 Datasheet HTML 15Page - Maxim Integrated Products MAX8664 Datasheet HTML 16Page - Maxim Integrated Products MAX8664 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
______________________________________________________________________________________
13
FB1
IN
PWRGD
VCC
VL
GND
OSC/EN12
REFIN2
ILIM2
FB2
ILIM1
DH1
LX1
BST1
DL1
PGND
DH2
LX2
BST2
DL2
VCC
INPUT
10V TO 14V
POWER-GOOD
TO SYSTEM
ENABLE
OUT1
1.8V/20A
OUT2
0.9V/6A
C5
1
μF
C6
1
μF
C13
4.7
μF
R9
10k
Ω
C1
0.01
μF
R1
3.16k
Ω
C2
10
μF
C8
0.015
μF
R3
10k
Ω
R4
3.57k
Ω
L1
0.56
μH
C15
0.01
μF
L2
0.47
μH
R13
10k
Ω
C19
4700pF
N1
N5
R2
24.3k
Ω
R11
14.7k
Ω
R5
3
Ω
N7
2N7002
OUT1
R7
1k
Ω
R6
1k
Ω
C12
1000pF
R10
44.2k
Ω
ON
OFF
C7
0.22
μF
C18
0.22
μF
C14
2200pF
C3
10
μF
C4
1000
μF
C16
10
μF
C17
10
μF
C11
10
μF
C9
470
μF
C10
470
μF
C22
10
μF
C20
680
μF
C21
680
μF
N6
N2
N3
N4
R8
2.74k
Ω
MAX8664
R12
2
Ω
C23
2200pF
Figure 3. 500kHz Tracking Circuit for DDR2 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com