Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8664 Datasheet HTML 2Page - Maxim Integrated Products MAX8664 Datasheet HTML 3Page - Maxim Integrated Products MAX8664 Datasheet HTML 4Page - Maxim Integrated Products MAX8664 Datasheet HTML 5Page - Maxim Integrated Products MAX8664 Datasheet HTML 6Page - Maxim Integrated Products MAX8664 Datasheet HTML 7Page - Maxim Integrated Products MAX8664 Datasheet HTML 8Page - Maxim Integrated Products MAX8664 Datasheet HTML 9Page - Maxim Integrated Products MAX8664 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
DH1
High-Side MOSFET Driver Output for Controller 1. Connect DH1 to the gate of the high-side MOSFET. DH1 is
low in shutdown and UVLO.
2
LX1
External Inductor Connection for Controller 1. Connect LX1 to the switching node of the MOSFETs and
inductor. Make sure LX1 is close to the source of the high-side MOSFET(s) to form a Kelvin connection for
high-side current sensing. LX1 is high impedance during monotonic startup and shutdown.
3
BST1
Boost Capacitor Connection for the High-Side MOSFET Driver for Controller 1. Connect a 0.22µF ceramic
capacitor from BST1 to LX1.
4
DL1
Low-Side MOSFET Driver Output for Controller 1. Connect DL1 to the gate of the low-side MOSFET(s) for
controller 1. DL1 is low in shutdown and UVLO.
5VL
Low-Side Gate Drive Supply and Output of the 6.5V Linear Regulator. Connect a 4.7µF ceramic capacitor from
VL to PGND. When using a 4.5V to 5.5V supply, connect VL to IN. VL is the input to the VCC supply. Do not
load VL when IC is disabled.
6
PGND
Power Ground. Connect to the power ground plane. Connect power and analog grounds at a single point near
the output capacitor’s ground.
7
DL2
Low-Side MOSFET Driver Output for Controller 2. Connect DL2 to the gate of the low-side MOSFET(s) for
controller 2. DL2 is low in shutdown and UVLO.
8
BST2
Boost Capacitor Connection for the High-Side MOSFET Driver for Controller 2. Connect a 0.22µF ceramic
capacitor from BST2 to LX2.
9
LX2
External Inductor Connection for Controller 2. Connect LX2 to the switching node of the MOSFETs and
inductor. Make sure LX2 is close to the source of the high-side MOSFET(s) to form a Kelvin connection for
high-side current sensing. LX2 is high impedance during monotonic startup and shutdown.
10
DH2
High-Side MOSFET Driver Output for Controller 2. Connect DH2 to the gate of the high-side MOSFET(s) for
controller 2. DH2 is low in shutdown and UVLO.
11
ILIM2
Current-Limit Set for Controller 2. Connect a resistor from the drain of the high-side MOSFET(s) to ILIM2. See
the Setting the Overcurrent Threshold section.
12
FB2
Feedback Input for Controller 2. Connect FB2 to the center of a resistor-divider connected between the output
of controller 2 and GND to set the desired output voltage. VFB2 regulates to VREFIN2 or the internal 0.6V
reference. To use the internal reference, connect REFIN2 to VCC.
13
REFIN2
External Reference Input for Controller 2. To use the internal 0.6V reference, connect REFIN2 to VCC. To use
an external reference, connect REFIN2 through a resistor (> 1k
Ω) to a reference voltage between 0V and
1.3V. An RC lowpass filter is recommended when using an external reference and soft-start is not provided by
the external reference. For tracking applications, connect REFIN2 to the center of a resistor voltage-divider
between the output of controller 1 and GND (see Figure 3). Connect REFIN2 to GND to disable controller 2.
14
OSC/EN12
Switching Frequency Set Input. Connect a 22.6k
Ω to 226kΩ resistor from OSC/EN12 to GND to set the
switching frequency between 1000kHz and 100kHz. Connect a switch in series with this resistor for
enable/shutdown control. When the switch is open, the IC enters low-power shutdown mode. In shutdown,
OSC/EN12 is internally driven to approximately 800mV.
15
IN
Internal 6.5V Linear Regulator Input. Connect IN to a 7.2V to 28V supply, and connect a 0.47µF or larger
ceramic capacitor from IN to PGND. When using a 4.5V to 5.5V supply, connect IN to VL.
16
GND
Analog Ground. Connect to the analog ground plane. Connect the analog and power ground planes at a
single point near the output capacitor’s ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com