Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8664 Datasheet HTML 1Page - Maxim Integrated Products MAX8664 Datasheet HTML 2Page - Maxim Integrated Products MAX8664 Datasheet HTML 3Page - Maxim Integrated Products MAX8664 Datasheet HTML 4Page - Maxim Integrated Products MAX8664 Datasheet HTML 5Page - Maxim Integrated Products MAX8664 Datasheet HTML 6Page - Maxim Integrated Products MAX8664 Datasheet HTML 7Page - Maxim Integrated Products MAX8664 Datasheet HTML 8Page - Maxim Integrated Products MAX8664 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 12V, ROSC/EN12 to GND = 56.1kΩ, REFIN2 = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...........................................................…-0.3V to +30V
VL to GND...................................................................-0.3 to +8V
IN, BST_ to VL ........................................................-0.3V to +30V
VCC, FB_, PWRGD to GND.......................................-0.3V to +6V
VL to VCC ....................................................................-2V to +8V
PGND to GND .......................................................-0.3V to +0.6V
DL_ to PGND...............................................-0.3V to (VVL + 0.3V)
DH_ to PGND............................................-0.3V to (VBST_+ 0.3V)
BST_ to GND.............................................................-0.3V to 38V
BST_ to LX ................................................................-0.3V to +8V
LX_ to PGND .................-1V (-2.5V for < 50ns transient) to +30V
DH_ to LX_................................................-0.3V to (VBST_+ 0.3V)
ILIM_ to GND ...............................................-0.3V to (VIN + 0.3V)
ILIM_ to LX_............................................................-0.6V to +30V
OSC/EN12, REFIN2 to GND .....................-0.3V to (VVCC + 0.3V)
VL Continuous Current ..............................................125mARMS
VCC Continuous Current..............................................10mARMS
Continuous Power Dissipation (TA = +70°C) (Note 1)
20-Pin QSOP (derate 11.0mW/°C above +70°C).........884mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGES
7.2
28.0
IN Supply Voltage
IN = VL = VCC
4.5
5.5
V
VL Output Voltage
7.2V < VIN < 28V, 0 < IVL < 60mA
6.10
6.6
6.75
V
VCC Output Voltage
7.2V < VIN < 28V, 0 < ICC < 5mA
4.5
5.0
5.5
V
Rising
3.4
3.5
3.6
V
VCC Undervoltage Lockout
(UVLO)
Hysteresis
350
mV
VIN = 12V, IIN
0.095
0.2
Standby Supply Current
OSC/EN12 not
connected
VCC = VIN = VVL = 5V, IIN + IVL + IVCC
0.08
0.2
mA
VIN = 12V, IIN
1.4
2.5
Operating Supply Current
No switching,
VFB_ = 0.65V
VCC = VIN = VVL = 5V, IIN + IVL+ IVCC
1.1
1.8
mA
REGULATOR SPECIFICATIONS
TA = 0°C to +85°C
0.5955
0.600
0.6045
Reference Accuracy
TA = -40°C to +85°C
0.5930
0.600
0.6070
V
TA = 0°C to +85°C
0.5952
0.600
0.6048
VREFIN2 = VVCC
TA = -40°C to +85°C
0.5925
0.600
0.6075
FB_ Regulation Accuracy
VREFIN2 = 1.000V
0.995
1.000
1.005
V
REFIN2 to Internal Reference
Switchover Threshold
Not to be switched during operation
2
VVCC -
0.7
VVCC -
0.3
V
REFIN2 Maximum Program Voltage
1.3
V
REFIN2 Disable Threshold
50
mV
FB Input Bias Current
VFB = 0.5V
3
nA
REFIN2 Bias Current
VREFIN2 = 0.65V
3
nA
FB Propagation Delay
FB rising to DH falling
90
ns
Note 1: Package mounted on a multilayer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com