Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8664 Datasheet HTML 1Page - Maxim Integrated Products MAX8664 Datasheet HTML 2Page - Maxim Integrated Products MAX8664 Datasheet HTML 3Page - Maxim Integrated Products MAX8664 Datasheet HTML 4Page - Maxim Integrated Products MAX8664 Datasheet HTML 5Page - Maxim Integrated Products MAX8664 Datasheet HTML 6Page - Maxim Integrated Products MAX8664 Datasheet HTML 7Page - Maxim Integrated Products MAX8664 Datasheet HTML 8Page - Maxim Integrated Products MAX8664 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
4
_______________________________________________________________________________________
EFFICIENCY vs. LOAD CURRENT
(600kHz, FIGURE 2)
LOAD CURRENT (A)
1
10
20
30
40
50
60
70
80
90
100
0
0.1
10
VOUT = 2.5V
VOUT = 1.8V
NO LOAD ON THE
OTHER REGULATOR
EFFICIENCY vs. LOAD CURRENT
(1MHz, FIGURE 4)
LOAD CURRENT (A)
1
10
20
30
40
50
60
70
80
90
100
0
0.1
10
VOUT1 = 2.5V
VOUT1 = 1.8V
VIN = 3.3V
VVL = 5V
NO LOAD ON OUT2
LOAD REGULATION
(600kHz, FIGURE 2)
OUT1 LOAD CURRENT (A)
24
68
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.45
010
IOUT2 = 8A
IOUT2 = 4A
IOUT2 = 0A
POWER-UP WAVEFORMS
MAX8664 toc08
VPRWGD
VOUT1
VOUT2
5V/div
2V/div
2V/div
10V/div
1ms/div
VIN
LINE REGULATION
(600kHz, FIGURE 2)
INPUT VOLTAGE (V)
810
12
14
18
16
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.45
620
8A LOAD
NO LOAD
ROSC/EN12 vs. SWITCHING FRQUENCY
400
700
50
100
150
200
250
0
100
1000
SWITCHING FREQUENCY (kHz)
OUT1 LOAD TRANSIENT (FIGURE 2)
MAX8664 toc06
IOUT2
VOUT2
2A/div
100mV/div
20
μs/div
2.5A
2.5A
5A
LOAD TRANSIENT
-3A TO +3A TO -3A (FIGURE 3)
MAX8664 toc07
IOUT2
VOUT1
VOUT2
5A/div
50mV/div
50mV/div
100
μs/div
-3A
-3A
+3A
Typical Operating Characteristics
(Circuit of Figure 2, 600kHz, VIN = 12V, VOUT1 = 2.5V, VOUT2 = 1.8V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com