Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX8664 Datasheet HTML 10Page - Maxim Integrated Products MAX8664 Datasheet HTML 11Page - Maxim Integrated Products MAX8664 Datasheet HTML 12Page - Maxim Integrated Products MAX8664 Datasheet HTML 13Page - Maxim Integrated Products MAX8664 Datasheet HTML 14Page - Maxim Integrated Products MAX8664 Datasheet HTML 15Page - Maxim Integrated Products MAX8664 Datasheet HTML 16Page - Maxim Integrated Products MAX8664 Datasheet HTML 17Page - Maxim Integrated Products MAX8664 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
14
______________________________________________________________________________________
Table 3. Component List for Figure 3
DESIGNATION
QTY
DESCRIPTION
C1, C15
2
0.01µF, 10V X7R ceramic
capacitors
C2, C3, C16, C17
4
10µF, 16V X5R ceramic capacitors
C4
1
1000µF/16V aluminum electrolytic
capacitor
Rubycon 16MBZ1000M
C5
1
1µF, 16V X5R ceramic capacitor
C6
1
1µF, 10V X5R ceramic capacitor
C7, C18
2
0.22µF, 10V X7R ceramic
capacitors
C8
1
0.015µF, 10V X7R ceramic
capacitor
C9, C10
2
470µF, 2.5V POS capacitors
Sanyo 2R5TPD470M6
C11, C22
2
10µF, 6.3V X5R ceramic capacitors
C12
1
1000pF, 10V X7R ceramic
capacitor
C13
1
4.7µF, 10V X5R ceramic capacitor
C14, C23
2
2200pF, 25V X7R capacitors
C19
1
4700pF, 10V X7R capacitor
C20, C21
2
680µF, 2.5V POS capacitors
Sanyo 2R5TPD680M6
L1
1
0.56µH, 4.6m
Ω inductor
Panasonic ETQP4LR56WFL
DESIGNATION
QTY
DESCRIPTION
L2
1
0.47µH, 1.2m
Ω inductor
TOKO FDV0603-R47M
N1, N2
2
n-channel MOSFETs
IRLR7821 (D-Pak)
N3, N4
2
n-channel MOSFETs
IRLR3907Z (D-Pak)
N5
1
n-channel MOSFET
IRF7807Z (8-pin SO)
N6
1
n-channel MOSFET
IRF7821 (8-pin SO)
N7
1
n-channel MOSFET
2N7002 (SOT23)
R1
1
3.16k
Ω ±1% resistor (0402 or 0603)
R2
1
24.3k
Ω ±1% resistor (0402 or 0603)
R3, R13
2
10k
Ω ±1% resistors (0402 or 0603)
R4
1
3.57k
Ω ±5% resistor (0402 or 0603)
R5
1
3.0
Ω ±5% resistor (0603)
R6, R7
2
1k
Ω ±1% resistors (0402 or 0603)
R8
1
2.74k
Ω ±1% resistor (0402 or 0603)
R9
1
10k
Ω ±5% resistor (0402 or 0603)
R10
1
44.2k
Ω ±1% resistor (0402 or 0603)
R11
1
14.7k
Ω ±1% resistor (0402 or 0603)
R12
1
2.0
Ω ±5% resistor (0402 or 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com