Electronic Components Datasheet Search
  English  ▼

X  

MAX8664 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8664
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8664 Datasheet HTML 1Page - Maxim Integrated Products MAX8664 Datasheet HTML 2Page - Maxim Integrated Products MAX8664 Datasheet HTML 3Page - Maxim Integrated Products MAX8664 Datasheet HTML 4Page - Maxim Integrated Products MAX8664 Datasheet HTML 5Page - Maxim Integrated Products MAX8664 Datasheet HTML 6Page - Maxim Integrated Products MAX8664 Datasheet HTML 7Page - Maxim Integrated Products MAX8664 Datasheet HTML 8Page - Maxim Integrated Products MAX8664 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PROTECTION FEATURES
VFB1 rising
0.75
Overvoltage Protection (OVP)
Threshold
VFB2 rising, VREFIN2
≤ 1.3V
REFIN2
+ 0.15
V
VREFIN2 = VVCC, VFB_ rising, MAX8664B
VFB1 rising, MAX8664A
0.500
0.525
0.550
V
Power-Good (PWRGD) Threshold
Hysteresis
5
%
TA = +85
oC60
High-Side Current-Sense Program
Current (Note 3)
TA = +25
oC
445060
µA
TA = +25°C
0.1
1.0
ILIM Leakage
TA = +85°C
0.1
µA
High-Side Current-Sense
Overcurrent Trip Adjustment Range
0.05
0.40
V
Internal Soft-Start Time
ROSC/EN12 = 56.1k
Ω, 400kHz
2.5
ms
REFIN2 Internal Pulldown Resistance
Engaged momentarily at startup
10
20
Ω
Thermal-Shutdown Threshold
Junction temperature
+160
°C
DRIVER SPECIFICATIONS
VVL = 6.5V
1.35
2.1
Sourcing current,
IDH = -50mA
VIN = VVL = VVCC = 5V
1.55
VVL = 6.5V
0.9
1.4
DH_ Driver Resistance
Sinking current,
IDH = 50mA
VIN = VVL = VVCC = 5V
1.0
Ω
VVL = 6.5V
1.3
2
Sourcing current,
IDL = -50mA
VIN = VVL = VVCC = 5V
1.5
VVL = 6.5V
0.6
1.1
DL_ Driver Resistance
Sinking current,
IDL = 50mA
VIN = VVL = VVCC = 5V
0.7
Ω
VVL = 6.5V
13
25
43
Dead Time for Low-Side to
High-Side Transition
DL_ falling to DH_ rising
VVL = 5V
28
ns
DH_ Minimum On-Time
70
108
149
ns
VBST - VLX = 7V, VLX = 28V, VFB_ = 0.55V
1.25
2.3
mA
BST Current
OSC/EN12 not connected
0.001
µA
Internal Boost Switch Resistance
6
Ω
PWM CLOCK OSCILLATOR
PWM Clock-Frequency Accuracy
-15
+15
%
PWM Clock-Frequency Adjustment
Range
ROSC/EN12 = 226k
Ω to 22.6kΩ
100
1000
kHz
OSC/EN12 Disable Current
1.5
2.5
µA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, ROSC/EN12 to GND = 56.1kΩ, REFIN2 = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Note 2: Specifications at -40°C are guaranteed by design and not production tested.
Note 3: This current linearly compensates for the MOSFET temperature coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com