Electronic Components Datasheet Search
  English  ▼

X  

AX88796ALF Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 9Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 10Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 11Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 12Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 13Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 14Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 15Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 16Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
13
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
2.0 Signal Description
The following terms describe the AX88796A pin-out:
All pin names with the “/” suffix are asserted low.
The following abbreviations are used in following Tables.
I
Input
PU
Internal Pull Up 100K ohm
O
Output
PD
Internal Pull Down 90K ohm
I/O
Input/Output
P
Power Pin
TRI
TRI-state output
2.1 Local CPU Bus Interface Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
SA[9:1],
SA[0] or NC
I
15,
12 – 4
System Address : Signals SA[9:0] are address bus input lines, which
lower I/O spaces on chip. When Motorola CPU type is selected, SA
[0] is useless.
/BHE
or
R/W
I/PU
22
Bus High Enable or Upper Data Strobe: Bus High Enable is active low
signal in some 16-bit application mode, which enable high bus
(SD[15:8]) active. When Motorola CPU type is selected, the pin is
active high for read operation, low for write operation.
SD[15:0]
I/O/PD
23 – 26,
29 – 33,
35 – 39,
41 – 42
System Data Bus: Signals SD[15:0] constitute the bi-directional data
bus.
IRQ
O
16
Interrupt Request: When ISA BUS or 80186 CPU modes is select.
IRQ is asserted high to indicate the host system that the chip requires
host software service. When MC68K or MCS-51 CPU mode is select.
/IRQ is asserted low to indicate the host system that the chip requires
host software service.
RDY/DTACK
TRI/PU
2
Ready: This signal is set low to insert wait states during Remote DMA
transfer.
/Dtack: When Motorola CPU type is selected, the pin is active low
inform CPU that data is accepted.
/CS
I/PU
128
Chip Select
When the /CS signal is asserted, the chip is selected.
/IORD
or
/UDS
I/PU
19
I/O Read: The host asserts /IORD to read data from AX88796A I/O
space. The signal also name as Upper Data Strobe (/UDS) for 68K
application mode.
/IOWR
or
/LDS
I/PU
18
I/O Write: The host asserts /IOWR to write data into AX88796A I/O
space. The signal also names as Lower Data Strobe (/LDS) for 68K
application mode.
/IOCS16
TRI/PU
123
I/O is 16 Bit Port: The /IOCS16 is asserted when the address at the
range corresponds to an I/O address to which the chip responds, and
the I/O port addressed is capable of 16-bit access.
AEN
or
/PSEN
I/PD
1
Address Enable: The signal is asserted when the address bus is
available for DMA cycle. When negated (low), AX88796A an I/O
slave device may respond to addresses and I/O command.
PSEN: This signal is active low for 8051 program access. For I/O
device, AX88796A, this signal is active high to access the chip. This
signal is for 8051 bus application only.
TAB - 1 Local CPU bus interface signals group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com