Electronic Components Datasheet Search
  English  ▼

X  

AX88796ALF Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 15Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 16Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 17Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 18Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 19Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 20Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 21Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
19
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
3.0 Memory and I/O Mapping
There are three memories or I/O mapping used in AX88796A.
1.
EEPROM Memory Mapping
2.
I/O Mapping
3.
Local Memory Mapping
3.1 EEPROM Memory Mapping
The AX88796A supports 16-bit mode 93C56/93C66 serial EEPROM. User can access EEPROM data via I/O
address offset 14H MII/EEPROM Management Register. The EEPROM data will be loaded to internal
memory (0H to 1FH and 400H to 41FH) automatically when hardware reset. It is similar NE2000 PROM store
Ethernet address.
NE2000 driver will read the I/O mode field (offset 1CH and 1EH) of PROM contents to decide the I/O mode
(8-bit mode or 16-bit mode). The I/O mode will be 16-bit mode if the value is 57H, 8-bit mode if 42H.
AX88796A also supports user defined PROM 1CH and 1EH value by EEDO pin if no programmed EEPROM
on board. User can pull-down 10K-ohm at EEDO pin to set 57H to the offset 1CH and 1EH of PROM. It will
be 42H if no connection at EEDO pin.
An example as below,
Addr
D15
D0
0H
00
05H
1H
00H
0000 0n00
2H
32H
10H
3H
76H
54H
4H
BAH
98H
TAB - 10
EEPROM data format example
Start bit
OP code
Address
Data
1
XX
(Ref. EEPROM datasheet)
A7 ~ A0
D15 ~ D0
AX88796A auto load timing format
The word_2 to word_4 will map to PROM of 6 bytes
Ethernet address.
Auto load 5 words (including
address 0H self) from EEPROM
and store to PROM area.
The word_1 bit[2] “n “ will effect PROM
address 1CH, 1EH value when software
read this area.
n = 0 : PROM address 1CH, 1EH will be
forced to 57H
n = 1 : PROM address 1CH, 1EH will be
forced to 42H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com