Electronic Components Datasheet Search
  English  ▼

X  

AX88796ALF Datasheet(PDF) 64 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 64 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 60Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 61Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 62Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 67Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 68Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
64
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
Appendix B: Power Consumption Reference Data
The following reference data of power consumption are measured base on prime application, that is AX88796A +
EEPROM, at 3.3V/25 °C room temperature.
Item
Test Conditions
Typical Value
Units
1
Full traffic with 10Mbps, no LED drive
220
mA
2
Full traffic with 100Mbps, no LED drive
190
mA
3
No Link
157
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com