Electronic Components Datasheet Search
  English  ▼

X  

AX88796ALF Datasheet(PDF) 50 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 50 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 46Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 54Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
50
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
7.0 Electrical Specification and Timings
7.1 Absolute Maximum Ratings
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+85
C
Storage Temperature
Ts
-55
+150
C
Supply Voltage
Vdd
-0.3
+4.6
V
Input Voltage
Vin
-0.3
5.5*
V
Output Voltage
Vout
-0.3
Vdd+0.5
V
Note: Long-term exposure to absolute maximum ratings may affect device reliability, and permanent damage may occur if operate exceeding the
ratting. The device should be operated under recommended operating condition.
Note: * All digital input signals can sustain 5 Volts input voltage except pin-79 LCLK/XTALIN
7.2 General Operation Conditions
Description
SYM
Min
Tpy
Max
Units
Operating Temperature
Ta
0
25
+75
C
Junction Temperature
Tj
0
25
+125
C
Supply Voltage
Vdd
+3.14
+3.30
+3.46
V
7.3 DC Characteristics
(Vdd=3.0V to 3.6V, Vss=0V, Ta=0C to 75C)
Description
SYM
Min
Tpy
Max
Units
Low Input Voltage
Vil
-
0.8
V
High Input Voltage
Vih
1.9
-
V
Low Output Voltage
Vol
-
0.4
V
High Output Voltage
Voh
Vdd-0.4
-
V
Input Leakage Current
Iil
-1
+1
uA
Output Leakage Current
Iol
-1
+1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com