Electronic Components Datasheet Search
  English  ▼

X  

AX88796ALF Datasheet(PDF) 63 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 63 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 59Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 60Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 61Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 62Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 67Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
63
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
Appendix A: Application Note
A.1 Using Crystal 25MHz
AX88796A
CLKO25M
25MHz
XTALIN
XTALOUT
25MHz
Crystal
33pF
33pF
Note : The capacitors (33pF) may be various depend on the specification of crystal. While designing,
please refer to the suggest circuit provided by crystal supplier.
A.2 Using Oscillator 25MHz
AX88796A
CLKO 25M
25MHz
XTALIN
XTALOUT
NC
3.3V Power OSC
25MHz
1Mohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com