Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 37Page - PMC-Sierra, Inc PM7323 Datasheet HTML 38Page - PMC-Sierra, Inc PM7323 Datasheet HTML 39Page - PMC-Sierra, Inc PM7323 Datasheet HTML 40Page - PMC-Sierra, Inc PM7323 Datasheet HTML 41Page - PMC-Sierra, Inc PM7323 Datasheet HTML 42Page - PMC-Sierra, Inc PM7323 Datasheet HTML 43Page - PMC-Sierra, Inc PM7323 Datasheet HTML 44Page - PMC-Sierra, Inc PM7323 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
30
and for its Customer’s Internal Use.
Pin Name
Type
Pin
No.
Feature
VDD_AC1
VDD_AC2
VDD_AC3
VDD_AC4
VDD_AC5
VDD_AC6
VDD_AC7
VDD_AC8
VDD_AC9
VDD_AC10
VDD_AC11
VDD_AC12
VDD_AC13
VDD_AC14
VDD_AC15
VDD_AC16
Power
25
37
55
65
98
110
134
150
160
170
178
191
202
211
222
234
The AC power (VDD_AC1 - VDD_AC16) pins
should be connected to a well-decoupled +5 V
DC supply in common with VDD_DC.
VSS_AC1
VSS_AC2
VSS_AC3
VSS_AC4
VSS_AC5
VSS_AC6
VSS_AC7
VSS_AC8
VSS_AC9
VSS_AC10
VSS_AC11
VSS_AC12
VSS_AC13
VSS_AC14
VSS_AC15
VSS_AC16
Ground
26
38
56
66
99
111
135
151
159
171
179
192
203
212
223
235
The AC ground (VSS_AC1 - VSS_AC16) pins
should be connected to GND in common with
VSS_DC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com