Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 63Page - PMC-Sierra, Inc PM7323 Datasheet HTML 64Page - PMC-Sierra, Inc PM7323 Datasheet HTML 65Page - PMC-Sierra, Inc PM7323 Datasheet HTML 66Page - PMC-Sierra, Inc PM7323 Datasheet HTML 67Page - PMC-Sierra, Inc PM7323 Datasheet HTML 68Page - PMC-Sierra, Inc PM7323 Datasheet HTML 69Page - PMC-Sierra, Inc PM7323 Datasheet HTML 70Page - PMC-Sierra, Inc PM7323 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
56
and for its Customer’s Internal Use.
(default) or 3.5 +/- 0.5 sec window, the "CC_alarm" status bit is set. The
"CC_alarm" is cleared upon reception of a single user, AIS or Continuity Check
cell. If the AUTORDI bit in the Cell Processor Configuration register is set and
the "CC_RDI" bit of the OAM Configuration field is set, an RDI cell is presented
on the Output Cell Interface once a second while the Continuity Check alarm is
declared.
The RCMP-200 provides support for processing of Loopback cells by a
microprocessor. The LB[1:0] bits of the Cell Processor Configuration register
determine which loopback cells are copied to the Microprocessor Cell Interface:
all, none or just at OAM flow end-points. If the RCMP-200 is not an OAM flow
end-point, all received loopback cells are routed to the Output Cell Interface.
If the Loopback Indication is non-zero and the Loopback Location ID matches
this node (coded as all '1's for flow end-points), the microprocessor should insert
into the reverse direction a copy of the loopback cell with the Loopback Indication
set to '0'. Otherwise, the microprocessor should discard the cell.
9.3.8 Performance Management Cells
Performance Management (PM) cells are identified with a OAM Cell Type of
0010.
If the RCMP-200 is not the flow end point, the PM cells are passed to the Output
Cell Interface and can be monitored to generate alarms or statistics. If the
RCMP-200 is provisioned as a flow end point, a received PM cell is
unconditionally dropped. If the "PM_activate" bit is a logic 0 or the SRCPM
register bit is logic 1, no further actions are taken.
As a flow end point, the RCMP-200 can be provisioned as source or sink of PM
cells for a specific connection, but not both. If provisioned as a source (i.e. the
SRCPM and the PM_activate VC table bits are both logic 1), the RCMP-200
shall generate a forward PM cell nominally every 128, 256, 512 or 1024 user
cells. The contents of the cell fields are as follows:
Monitoring Sequence Number (MSN) - This field is incremented with each
transmitted PM cell.
Total User Cell Number (TUC) - This field indicates the total number of
transmitted user cells modulo 65536 before the monitoring cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com