Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 8Page - PMC-Sierra, Inc PM7323 Datasheet HTML 9Page - PMC-Sierra, Inc PM7323 Datasheet HTML 10Page - PMC-Sierra, Inc PM7323 Datasheet HTML 11Page - PMC-Sierra, Inc PM7323 Datasheet HTML 12Page - PMC-Sierra, Inc PM7323 Datasheet HTML 13Page - PMC-Sierra, Inc PM7323 Datasheet HTML 14Page - PMC-Sierra, Inc PM7323 Datasheet HTML 15Page - PMC-Sierra, Inc PM7323 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
1
and for its Customer’s Internal Use.
1
FEATURES
• Monolithic single chip device which handles ATM switch Ingress VPI/VCI
address translation, cell appending, cell rate policing, counting, and OAM
requirements for 65,536 VCs (virtual circuits)
• Instantaneous transfer rate of 200 Mbit/s supports a cell transfer rate of
0.355x106 cells/s (one STS-3c).
• Concentrates the traffic from several PHY interfaces into one switch port.
• 8 bit PHY interface using direct addressing for up to 4 PHYs (compatible with
Utopia Level 1 cell-level handshake) and Multi-PHY addressing for up to 32
PHYs (Utopia Level 2 compatible).
• 8 bit extended cell format SCI-PHY (52 - 64 byte extended ATM cell with
prepend/postpend) interface at output to switch fabric.
• Compatible with wide range of switching fabrics and traffic management
architectures including per VC or per PHY queuing.
• Provides identification/tagging of RM cells to support adjunct processing
applications such as Virtual Source/Virtual Destination ABR service.
• Supports logical multicast.
• Flexible CAM-type cell identification which can use arbitrary VPI/VCI values
and/or cell appended bytes for identification.
• Discards on command all low priority (high CLP bit) cells to relieve switch
congestion.
• Can discard or tag the remainder of an AAL5 packet if a single cell in that
packet is discarded or tagged due to policing.
• Includes a 16-bit FIFO buffered microprocessor bus interface for cell
extraction and insertion (including OAM), VC table access, control and status
monitoring, and configuration of the device.
• Supports DMA access for cell extraction and insertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com