Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 75Page - PMC-Sierra, Inc PM7323 Datasheet HTML 76Page - PMC-Sierra, Inc PM7323 Datasheet HTML 77Page - PMC-Sierra, Inc PM7323 Datasheet HTML 78Page - PMC-Sierra, Inc PM7323 Datasheet HTML 79Page - PMC-Sierra, Inc PM7323 Datasheet HTML 80Page - PMC-Sierra, Inc PM7323 Datasheet HTML 81Page - PMC-Sierra, Inc PM7323 Datasheet HTML 82Page - PMC-Sierra, Inc PM7323 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
68
and for its Customer’s Internal Use.
9.8.4 Normal Mode Register Memory Map
Address
Register
0x00
Identification and Master Reset / Load Meters
0x01
Master Configuration
0x02
Interrupt Status #1
0x03
Interrupt Status #2
0x04
Interrupt Enable #1
0x05
Interrupt Enable #2
0x06
Master Clock Monitor
0x07
Latest Alarmed Connections
0x08
Input Cell FIFO Configuration
0x09
Physical Layer Cell Counter
0x0A
Input Cell Counter (LSB)
0x0B
Input Cell Counter (MSB)
0x0C
Input Polling Configuration
0x0D-0x0F
Reserved
0x10
Microprocessor Extract Buffer Control and
Status
0x11
Microprocessor Insert Buffer Control and Status
0x12
Microprocessor Cell Data
0x13-0x17
Reserved
0x18
Cell Processor Configuration
0x19
Performance Monitoring Configuration 1
0x1A
Performance Monitoring Configuration 2
0x1B
ABR Cell Rate Policing Configuration
0x1C
VBR/CBR Cell Rate Policing Configuration
0x1D
Routing Configuration
0x1E-0x1F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com