Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 85Page - PMC-Sierra, Inc PM7323 Datasheet HTML 86Page - PMC-Sierra, Inc PM7323 Datasheet HTML 87Page - PMC-Sierra, Inc PM7323 Datasheet HTML 88Page - PMC-Sierra, Inc PM7323 Datasheet HTML 89Page - PMC-Sierra, Inc PM7323 Datasheet HTML 90Page - PMC-Sierra, Inc PM7323 Datasheet HTML 91Page - PMC-Sierra, Inc PM7323 Datasheet HTML 92Page - PMC-Sierra, Inc PM7323 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
78
and for its Customer’s Internal Use.
AISI:
The AISI bit indicates an AIS alarm has changed state. When logic 1, the AISI
bit indicates one or more virtual connections have either entered or left the
AIS state. This bit is cleared when this register is read.
If the AISVC bit of the Master Configuration register is a logic 1, the Latest
Alarmed Virtual Connection register is updated with the VC Table index for the
virtual connection simultaneously with the setting of the AISI bit.
RDII:
The RDII bit indicates a RDI alarm has changed state. When logic 1, the RDII
bit indicates one or more virtual connections have either entered or left the
RDI state. This bit is cleared when this register is read.
If the RDIVC bit of the Master Configuration register is a logic 1, the Latest
Alarmed Virtual Connection register is updated with the VC Table index for the
virtual connection simultaneously with the setting of the RDII bit.
XPOLI:
The excessive policing indication (XPOLI) bit becomes a logic 1 upon the
receipt of a cell belonging to a connection which has a one in the most
significant bit position of one of the Non-Compliant Cell Count fields. This bit
is reset immediately after a read to this register.
If the XPOLVC bit of the Master Configuration register is a logic 1, the Latest
Alarmed Virtual Connection register is updated with the VC Table index for the
virtual connection simultaneously with the setting of the XPOLI bit.
PCELLI:
The PCELLI bit indicates a physical layer cell has been received. When logic
1, the PCELLI bit indicates one or more cells with an all zero VCI value and a
CLP=1 have been received. This bit is cleared when this register is read.
VCVALID:
The VCVALID bit becomes a logic 1 when the Latest Alarmed Virtual
Connections register (0x07) contains valid information. This bit is NOT
cleared when this register is read. This bit is cleared when the entire contents
of the Latest Alarmed Virtual Connections register (0x07) FIFO have been
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com