Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 68Page - PMC-Sierra, Inc PM7323 Datasheet HTML 69Page - PMC-Sierra, Inc PM7323 Datasheet HTML 70Page - PMC-Sierra, Inc PM7323 Datasheet HTML 71Page - PMC-Sierra, Inc PM7323 Datasheet HTML 72Page - PMC-Sierra, Inc PM7323 Datasheet HTML 73Page - PMC-Sierra, Inc PM7323 Datasheet HTML 74Page - PMC-Sierra, Inc PM7323 Datasheet HTML 75Page - PMC-Sierra, Inc PM7323 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
61
and for its Customer’s Internal Use.
Note:
Multicasting has limited utility in the ingress direction. Because the cells for all
VCs are queued at the Output Cell Interface, multicasting may result in head-of-
the-line blocking. Provided the multicasting cannot result in an instantaneous
rate greater than the bandwidth supported by the Output Cell Interface (e.g.
200Mbit/s with a 25MHz 8-bit bus), no problems shall occur. It is the Connection
Admission Control entity's responsibilty to ensure the traffic is within the rate
supported.
Cell counting, cell rate policing and OAM processing is performed on the
received cell, if so enabled. Therefore, the connection statistics for the multicast
group are available in the VC Table Record at the head of the linked list. If the
received cell is discarded due to policing, no multicasted cells are created. If the
received cell is tagged, all multicasted cells are also tagged.
For multicast connections not at the head of the linked list, policing and cell
counting are suppressed, in order to conserve bandwidth. The CLP=1, CLP=0
and non-compliant counts are not valid.
Each branch connection has its own VC Table Record. Therefore, header
translation and OAM is supported independently for each branch.
9.5
Output Buffering
The output buffer consists of a four cell FIFO which transfers the oldest cell to the
switch port whenever it signals that it will accept a cell. The FIFO output is a
slave to the switch port. If the output buffer becomes full, it provides back-
pressure to the Cell Processor which in turn back-pressures the Input Cell
Interface.
9.6
Congestion Control
Congestion control is handled by a single signal, CONG, entering the device.
When this signal indicates that congestion is being experienced by the switch
core, all low priority cells (high CLP bit) are discarded. This includes cells which
are made low priority during the policing process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com