Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 3Page - PMC-Sierra, Inc PM7323 Datasheet HTML 4Page - PMC-Sierra, Inc PM7323 Datasheet HTML 5Page - PMC-Sierra, Inc PM7323 Datasheet HTML 6Page - PMC-Sierra, Inc PM7323 Datasheet HTML 7Page - PMC-Sierra, Inc PM7323 Datasheet HTML 8Page - PMC-Sierra, Inc PM7323 Datasheet HTML 9Page - PMC-Sierra, Inc PM7323 Datasheet HTML 10Page - PMC-Sierra, Inc PM7323 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
v
and for its Customer’s Internal Use.
REGISTER 0X1B: ABR CELL RATE POLICING CONFIGURATION .............. 116
REGISTER 0X1C: VBR/CBR CELL RATE POLICING CONFIGURATION ..... 118
REGISTER 0X1D: ROUTING CONFIGURATION........................................... 121
REGISTER 0X20: CRAM CONFIGURATION ................................................ 125
REGISTER 0X21: EXTERNAL RAM ADDRESS (LSB) ................................. 128
REGISTER 0X22: EXTERNAL RAM ADDRESS (MSB) AND ACCESS
CONTROL............................................................................................ 129
REGISTER 0X23: EXTERNAL RAM DATA (LSB) .......................................... 131
REGISTER 0X24: EXTERNAL RAM DATA .................................................... 132
REGISTER 0X25: EXTERNAL RAM DATA (MSB) ......................................... 133
REGISTER 0X26: MAXIMUM VC TABLE INDEX........................................... 134
REGISTER 0X27: SEARCH KEY CONSTRUCTION..................................... 135
REGISTER 0X28: FIELD A LOCATION AND LENGTH................................. 137
REGISTER 0X29: FIELD B LOCATION AND LENGTH................................. 139
REGISTER 0X30: COUNTER STATUS ......................................................... 141
REGISTER 0X31: VALID OAM CELL COUNT................................................ 143
REGISTER 0X32: ERRORED OAM CELL COUNT........................................ 145
REGISTER 0X33: INVALID CELL COUNT ..................................................... 146
REGISTER 0X34: COUNT OF CELLS DROPPED DUE TO CONGESTION 147
REGISTER 0X38: OUTPUT CELL FIFO CONFIGURATION ......................... 148
REGISTER 0X3A: OUTPUT CELL COUNTER (LSB) ................................... 150
REGISTER 0X3B: OUTPUT CELL COUNTER (MSB) .................................. 151
REGISTER 0X40: MASTER TEST ................................................................. 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com