Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 41Page - PMC-Sierra, Inc PM7323 Datasheet HTML 42Page - PMC-Sierra, Inc PM7323 Datasheet HTML 43Page - PMC-Sierra, Inc PM7323 Datasheet HTML 44Page - PMC-Sierra, Inc PM7323 Datasheet HTML 45Page - PMC-Sierra, Inc PM7323 Datasheet HTML 46Page - PMC-Sierra, Inc PM7323 Datasheet HTML 47Page - PMC-Sierra, Inc PM7323 Datasheet HTML 48Page - PMC-Sierra, Inc PM7323 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
34
and for its Customer’s Internal Use.
Figure 3
- VC Search Key Composition
Field A
Field B
VPI/VCI
0
S
47
S
S - L
A
A
B
S - L
BB
A
m
length <= 128 bits
Cell Prepend
Cell Postpend
Cell Header
Field A
Field B VPI/VCI
VC Search Key
PHY
ID
Primary Key
Secondary Key
20
43 (UNI)
(NNI)
HEC UDF
Routing Word
The RCMP-200 divides the VC Search Key into two search keys - the Primary
Search Key and the Secondary Search Key. The Primary Key is 0 to 16 bits long.
It is constructed from two fields - the
PHY ID and Field A. The PHY ID field and
Field A can be programmed to be 0-5 bits and 0-16 bits long, respectively. The
PHY ID is the SCI-PHY address and must, therefore, include sufficient bits to
encode all the PHYs at the PHY Layer interface of the RCMP-200. Field A starts
at location SA of the Routing Word and has length LA. The number of bits in
Field A plus the number in the PHY ID field must be less than or equal to 16.
The Secondary Search Key is 39 bits long and is composed of two fields. The
first field,
Field B, is 0 to 11 bits long and may start anywhere in the routing
word. Field B parameters include starting position SB, and length LB. The second
field is the 28 bit VCI/VPI. This field is always taken from the cell's header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com