Electronic Components Datasheet Search
  English  ▼

X  

PM7323 Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 2Page - PMC-Sierra, Inc PM7323 Datasheet HTML 3Page - PMC-Sierra, Inc PM7323 Datasheet HTML 4Page - PMC-Sierra, Inc PM7323 Datasheet HTML 5Page - PMC-Sierra, Inc PM7323 Datasheet HTML 6Page - PMC-Sierra, Inc PM7323 Datasheet HTML 7Page - PMC-Sierra, Inc PM7323 Datasheet HTML 8Page - PMC-Sierra, Inc PM7323 Datasheet HTML 9Page - PMC-Sierra, Inc PM7323 Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
iv
and for its Customer’s Internal Use.
LIST OF REGISTERS
REGISTER 0X00: MASTER RESET AND IDENTITY / LOAD METERS .......... 71
REGISTER 0X01: MASTER CONFIGURATION............................................... 73
REGISTER 0X02: MASTER INTERRUPT STATUS #1 ..................................... 76
REGISTER 0X03: MASTER INTERRUPT STATUS #2 ..................................... 81
REGISTER 0X04: MASTER INTERRUPT ENABLE #1 .................................... 83
REGISTER 0X05: MASTER INTERRUPT ENABLE #2 .................................... 85
REGISTER 0X06: MASTER CLOCK MONITOR .............................................. 86
REGISTER 0X07: LATEST ALARMED VIRTUAL CONNECTIONS ................. 88
REGISTER 0X08: INPUT CELL FIFO CONFIGURATION ................................ 90
REGISTER 0X09: PHYSICAL LAYER CELL COUNT...................................... 93
REGISTER 0X0A: INPUT CELL COUNTER (LSB) ......................................... 95
REGISTER 0X0B: INPUT CELL COUNTER (MSB) ........................................ 96
REGISTER 0XC: INPUT POLLING CONFIGURATION .................................... 98
REGISTER 0X10: MICROPROCESSOR EXTRACT BUFFER CONTROL AND
STATUS ................................................................................................ 100
REGISTER 0X11: MICROPROCESSOR INSERT BUFFER CONTROL AND
STATUS ................................................................................................ 103
REGISTER 0X12: MICROPROCESSOR CELL DATA ................................... 106
REGISTER 0X18: CELL PROCESSOR CONFIGURATION .......................... 108
REGISTER 0X19: PERFORMANCE MONITORING CONFIGURATION 1 ..... 112
REGISTER 0X1A: PERFORMANCE MONITORING CONFIGURATION 2..... 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com