Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 144 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 144 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 140Page - PMC-Sierra, Inc PM7344 Datasheet HTML 141Page - PMC-Sierra, Inc PM7344 Datasheet HTML 142Page - PMC-Sierra, Inc PM7344 Datasheet HTML 143Page - PMC-Sierra, Inc PM7344 Datasheet HTML 144Page - PMC-Sierra, Inc PM7344 Datasheet HTML 145Page - PMC-Sierra, Inc PM7344 Datasheet HTML 146Page - PMC-Sierra, Inc PM7344 Datasheet HTML 147Page - PMC-Sierra, Inc PM7344 Datasheet HTML 148Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
128
Registers 02BH, 12BH, 22BH and 32BH: E1-FRMR CRC Error Counter - MSB
Bit
Type
Function
Default
Bit 7
R
OVR
0
Bit 6
R
NEWDATA
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
CRCE9
X
Bit 0
R
CRCE8
X
These registers contain the most significant two bits of the 10-bit CRC error
counter value, updated every second.
NEWDATA:
The NEWDATA flag bit indicates that the counter register contents have
been updated with a new count value accumulated over the last 1 second
interval. It is set to logic 1 when the CRC error counter data is transferred
into the counter registers, and is reset to logic 0 when this register is read.
This bit can be polled to determine the 1 second timing boundary used by the
FRMR.
OVR:
The OVR flag bit indicates that the counter register contents have not been
read within the last 1 second interval, and therefore have been over-written.
It is set to logic 1 if CRC error counter data is transferred into the counter
registers before the previous data has been read out, and is reset to logic 0
when this register is read.
This CRC error count is distinct from that of PMON because it is guaranteed to
be an accurate count of the number of CRC error in one second; whereas,
PMON relies on externally initiated transfers which may not be one second apart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com