Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 164 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 164 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 160Page - PMC-Sierra, Inc PM7344 Datasheet HTML 161Page - PMC-Sierra, Inc PM7344 Datasheet HTML 162Page - PMC-Sierra, Inc PM7344 Datasheet HTML 163Page - PMC-Sierra, Inc PM7344 Datasheet HTML 164Page - PMC-Sierra, Inc PM7344 Datasheet HTML 165Page - PMC-Sierra, Inc PM7344 Datasheet HTML 166Page - PMC-Sierra, Inc PM7344 Datasheet HTML 167Page - PMC-Sierra, Inc PM7344 Datasheet HTML 168Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
148
Registers 041H, 141H, 241H and 341H: T1-TRAN Alarm Transmit
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
XYEL
0
Bit 0
R/W
XAIS
0
These registers control the transmission of T1 yellow or AIS Carrier Failure
Alarms (CFA).
XYEL:
The XYEL bit enables the TRAN to generate a yellow alarm in the appropriate
framing format. When XYEL is set to logic 1, the TRAN is enabled to set bit 2
of each channel to logic 0 for SF format and to transmit repetitions of
1111111100000000 (the yellow alarm bit oriented code) on the facility data link
for ESF format. When XYEL is set to logic 0, the TRAN is disabled from
generating the yellow alarm.
XAIS:
The XAIS bit enables the TRAN to generate an unframed all-ones AIS alarm.
When XAIS is set to logic 1, the TDP/TDN[x] outputs are forced to pulse
alternately, creating an all-ones signal. When XAIS is set to logic 0, the
TDP/TDN[x] outputs operate normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com