Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 161Page - PMC-Sierra, Inc PM7344 Datasheet HTML 162Page - PMC-Sierra, Inc PM7344 Datasheet HTML 163Page - PMC-Sierra, Inc PM7344 Datasheet HTML 164Page - PMC-Sierra, Inc PM7344 Datasheet HTML 165Page - PMC-Sierra, Inc PM7344 Datasheet HTML 166Page - PMC-Sierra, Inc PM7344 Datasheet HTML 167Page - PMC-Sierra, Inc PM7344 Datasheet HTML 168Page - PMC-Sierra, Inc PM7344 Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
149
Registers 042H, 142H, 242H and 342H: XIBC Control
Bit
Type
Function
Default
Bit 7
R/W
EN
0
Bit 6
R/W
UF
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
CL1
0
Bit 0
R/W
CL0
0
These registers control the transmission of T1 inband loopback activate and
deactivate codes.
EN:
The EN bit controls whether the inband code is transmitted or not. A logic 1
in the EN bit position enables transmission of inband codes; a logic 0 in the
EN bit position disables inband code transmission.
UF:
The UF bit controls whether the code is transmitted framed or unframed. A
logic 1 in the UF bit position selects unframed inband code transmission; a
logic 0 in the UF bit position selects framed inband code transmission. Note:
the UF register bit controls the T1-TRAN directly and is not qualified by the
EN bit. When UF is set to logic 1, the TRAN is disabled and no framing is
inserted regardless of the setting of EN. The UF bit should only be written to
logic 1 when the EN bit is set, and should be cleared to logic 0 when the EN
bit is cleared.
CL1, CL0:
The bit positions CL[1:0] (bits 1 & 0) of this register indicate the length of the
inband loopback code sequence, as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com