Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 169 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 169 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 165Page - PMC-Sierra, Inc PM7344 Datasheet HTML 166Page - PMC-Sierra, Inc PM7344 Datasheet HTML 167Page - PMC-Sierra, Inc PM7344 Datasheet HTML 168Page - PMC-Sierra, Inc PM7344 Datasheet HTML 169Page - PMC-Sierra, Inc PM7344 Datasheet HTML 170Page - PMC-Sierra, Inc PM7344 Datasheet HTML 171Page - PMC-Sierra, Inc PM7344 Datasheet HTML 172Page - PMC-Sierra, Inc PM7344 Datasheet HTML 173Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
153
signalling data nibble in the lower four bits of the time slot byte. A logic 0 in
the DLEN bit position is reserved and should not be used.
GENCRC:
The GENCRC bit enables generation of the CRC multiframe. When
GENCRC is a logic 1, the E1-TRAN generates the CRC multiframe alignment
signal, calculates and inserts the CRC bits, and if enabled by FEBEDIS,
inserts the FEBE indication in the spare bit positions. When GENCRC is set
to logic 0, the CRC generation is disabled. The CRC bits are then set to the
logic value contained in the Si[1] bit position in the International/National Bit
Control Register and bit 1 of the NFAS frames are set to the value of Si[0] bit.
FDIS:
The FDIS bit value controls the generation of the framing alignment signal. A
logic 1 in the FDIS bit position disables the generation of the framing pattern
in TS0. A logic 0 in FDIS enables the generation of the framing pattern,
replacing TS0 of frames 0,2,4,6,8,10,12,14 with the frame alignment signal.
When FDIS is a logic 1, framing is globally disabled and the values in controls
bits GENCRC and FEBEDIS are ignored.
Note that the above is true only if the AIS bit in the Transmit Alarm /
Diagnostic Control Register is a logic 0. If AIS is logic 1, the output bit stream
becomes all ones unconditionally.
GENCRC and FEBEDIS:
When FDIS is a logic 0, the bit values used for the International and National
bits are dependent upon the values of the GENCRC and FEBEDIS
configuration bits, as follows:
GENCRC
FEBEDIS
Source of International/National bits
0
X
Bit Si[1] of the International/National Control
Register is used for the International bit in the
frame alignment signal (FAS) frames and the Si[0]
bit is used for the International bit in the non-frame
alignment signal (NFAS) frames. Bits Sn[4:8] in
the register are used for the National bits in NFAS
frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com