Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 170 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 170 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 166Page - PMC-Sierra, Inc PM7344 Datasheet HTML 167Page - PMC-Sierra, Inc PM7344 Datasheet HTML 168Page - PMC-Sierra, Inc PM7344 Datasheet HTML 169Page - PMC-Sierra, Inc PM7344 Datasheet HTML 170Page - PMC-Sierra, Inc PM7344 Datasheet HTML 171Page - PMC-Sierra, Inc PM7344 Datasheet HTML 172Page - PMC-Sierra, Inc PM7344 Datasheet HTML 173Page - PMC-Sierra, Inc PM7344 Datasheet HTML 174Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
154
GENCRC
FEBEDIS
Source of International/National bits
1
0
The calculated CRC bits are used for the
International bit in the FAS frames and the
generated CRC multiframe alignment signal and
the FEBE bits are used for the International bit in
the NFAS frames. Bit positions Sn[4:0] in the
International/National Control Register are used for
the National bits in NFAS frames.
1
1
The calculated CRC bits are used for the
International bit in the FAS frames and the
generated CRC multiframe alignment signal is
used for the International bit in the NFAS frames,
with the Si[1:0] bits in the International/National
Control Register used for the spare bits. Bit
positions Sn[4:0] in the register are used for the
National bits in NFAS frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com