Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 162 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 162 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 158Page - PMC-Sierra, Inc PM7344 Datasheet HTML 159Page - PMC-Sierra, Inc PM7344 Datasheet HTML 160Page - PMC-Sierra, Inc PM7344 Datasheet HTML 161Page - PMC-Sierra, Inc PM7344 Datasheet HTML 162Page - PMC-Sierra, Inc PM7344 Datasheet HTML 163Page - PMC-Sierra, Inc PM7344 Datasheet HTML 164Page - PMC-Sierra, Inc PM7344 Datasheet HTML 165Page - PMC-Sierra, Inc PM7344 Datasheet HTML 166Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
146
Registers 040H, 140H, 240H and 340H: T1-TRAN Configuration
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
B8ZS
0
Bit 4
R/W
ESF
0
Bit 3
R/W
FMS1
0
Bit 2
R/W
FMS0
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
Reserved:
The reserved bit must be programmed to logic 0 for correct operation.
B8ZS:
The B8ZS bit enables B8ZS line coding. When B8ZS is a logic 1, the
transmit T1 stream is B8ZS encoded. When B8ZS is a logic 0, the transmit
T1 stream is AMI encoded.
ZCS1
ZCS0
Zero Code Suppression Format
0
0
None
0
1
GTE Zero Code Suppression (Bit 8 of an all zero
channel byte is replaced by a one, except in signalling
frames where bit 7 is forced to a one.)
1
0
DDS Zero Code Suppression (All zero data byte
replaced with "10011000")
1
1
Bell Zero Code Suppression (Bit 7 of an all zero channel
byte is replaced by a one.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com