Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 154Page - PMC-Sierra, Inc PM7344 Datasheet HTML 155Page - PMC-Sierra, Inc PM7344 Datasheet HTML 156Page - PMC-Sierra, Inc PM7344 Datasheet HTML 157Page - PMC-Sierra, Inc PM7344 Datasheet HTML 158Page - PMC-Sierra, Inc PM7344 Datasheet HTML 159Page - PMC-Sierra, Inc PM7344 Datasheet HTML 160Page - PMC-Sierra, Inc PM7344 Datasheet HTML 161Page - PMC-Sierra, Inc PM7344 Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
142
Registers 03DH, 13DH, 23DH and 33DH: IBCD Interrupt Enable/Status
Bit
Type
Function
Default
Bit 7
R
LBACP
0
Bit 6
R
LBDCP
0
Bit 5
R/W
LBAE
0
Bit 4
R/W
LBDE
0
Bit 3
R
LBAI
0
Bit 2
R
LBDI
0
Bit 1
R
LBA
0
Bit 0
R
LBD
0
LBACP,LBDCP:
The LBACP and LBDCP bits indicate when the corresponding loopback code
is present during a 39.8 ms interval.
LBAE:
The LBAE bit enables the assertion or deassertion of the inband Loopback
Activate (LBA) detect indication to generate an interrupt on the INTB pin.
When LBAE is set to logic 1, any change in the state of the LBA detect
indication generates an interrupt. When LBAE is set to logic 0, no interrupt is
generated by changes in the LBA detect state.
LBDE:
The LBDE bit enables the assertion or deassertion of the inband Loopback
Deactivate (LBD) detect indication to generate an interrupt on the INTB pin.
When LBDE is set to logic 1, any change in the state of the LBD detect
indication generates an interrupt. When LBDE is set to logic 0, no interrupt is
generated by changes in the LBD detect state.
LBAI,LBDI:
The LBAI and LBDI bits indicate which of the two expected loopback codes
has changed state. A logic 1 in these bit positions indicate that a state
change in that code has occurred; a logic 0 in these bit positions indicate that
no state change has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com