Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 160 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 160 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 156Page - PMC-Sierra, Inc PM7344 Datasheet HTML 157Page - PMC-Sierra, Inc PM7344 Datasheet HTML 158Page - PMC-Sierra, Inc PM7344 Datasheet HTML 159Page - PMC-Sierra, Inc PM7344 Datasheet HTML 160Page - PMC-Sierra, Inc PM7344 Datasheet HTML 161Page - PMC-Sierra, Inc PM7344 Datasheet HTML 162Page - PMC-Sierra, Inc PM7344 Datasheet HTML 163Page - PMC-Sierra, Inc PM7344 Datasheet HTML 164Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
144
Registers 03EH, 13EH, 23EH and 33EH: IBCD Activate Code
Bit
Type
Function
Default
Bit 7
R/W
ACT7
0
Bit 6
R/W
ACT6
0
Bit 5
R/W
ACT5
0
Bit 4
R/W
ACT4
0
Bit 3
R/W
ACT3
0
Bit 2
R/W
ACT2
0
Bit 1
R/W
ACT1
0
Bit 0
R/W
ACT0
0
This 8 bit register selects the Activate code sequence that is to be detected. If
the code sequence length is less than 8 bits, the first 8 bits of several repetitions
of the code sequence must be used to fill the 8 bit register. For example, if code
sequence is a repeating 00001, then the first 8 bits of two repetitions
(0000100001) is programmed into the register, i.e.00001000. Note that bit ACT7
corresponds to the first code bit received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com