Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 156 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 156 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 152Page - PMC-Sierra, Inc PM7344 Datasheet HTML 153Page - PMC-Sierra, Inc PM7344 Datasheet HTML 154Page - PMC-Sierra, Inc PM7344 Datasheet HTML 155Page - PMC-Sierra, Inc PM7344 Datasheet HTML 156Page - PMC-Sierra, Inc PM7344 Datasheet HTML 157Page - PMC-Sierra, Inc PM7344 Datasheet HTML 158Page - PMC-Sierra, Inc PM7344 Datasheet HTML 159Page - PMC-Sierra, Inc PM7344 Datasheet HTML 160Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
140
Registers 03BH, 13BH, 23BH and 33BH: RFDL Receive Data
Bit
Type
Function
Default
Bit 7
R
RD7
X
Bit 6
R
RD6
X
Bit 5
R
RD5
X
Bit 4
R
RD4
X
Bit 3
R
RD3
X
Bit 2
R
RD2
X
Bit 1
R
RD1
X
Bit 0
R
RD0
X
RD0 corresponds to the first bit of the serial byte received by the RFDL.
These registers are actually 4 level FIFOs. If data is available, the FE bit in the
Status register is low. If INTC[1:0] (in the Enable/Status register) is set to 01, the
Receive Data register must be read within 31 data bit periods to prevent an
overrun. If INTC[1:0] is set to 11 the Receiver Data register must be read within
15 data bit periods.
When an overrun is detected, an interrupt is generated and the FIFO is held
cleared until the Status register is read. When the HDLC abort sequence
(01111111) is detected in the data an ABORT interrupt is generated and the data
that has been shifted into the serial to parallel converter is written into the FIFO.
A read of the Receive Data register increments the FIFO pointer at the end of the
read. If the Receive Data register read causes a FIFO underrun, then the pointer
is inhibited from incrementing. The underrun condition will be signaled in the
next Status read by returning all zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com