Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 155 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 155 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 151Page - PMC-Sierra, Inc PM7344 Datasheet HTML 152Page - PMC-Sierra, Inc PM7344 Datasheet HTML 153Page - PMC-Sierra, Inc PM7344 Datasheet HTML 154Page - PMC-Sierra, Inc PM7344 Datasheet HTML 155Page - PMC-Sierra, Inc PM7344 Datasheet HTML 156Page - PMC-Sierra, Inc PM7344 Datasheet HTML 157Page - PMC-Sierra, Inc PM7344 Datasheet HTML 158Page - PMC-Sierra, Inc PM7344 Datasheet HTML 159Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
139
2) An abort sequence is detected while not in the receiving all-ones state
and the byte, written to the FIFO due to the detection of the abort sequence,
is being read from the FIFO,
3) The first flag has been detected and the dummy byte, written into the
FIFO when the RFDL changes from the receiving all-ones state to the
receiving flags state, is being read from the FIFO,
4) Immediately on detection of FIFO overrun.
The EOM bit is passed through the FIFO with the Data so that the Status will
correspond to the Data just read from the FIFO.
FLG:
The flag bit (FLG) is set if the RFDL has detected the presence of the HDLC
flag sequence (01111110) in the data. FLG is reset only when the HDLC
abort sequence (01111111) is detected in the data or when the RFDL is
disabled. This bit is passed through the FIFO with the Data so that the Status
will correspond to the Data just read from the FIFO. The reception of bit-
oriented codes over the data link will also force an abort due to its eight ones
pattern.
OVR:
The Receiver Overrun bit (OVR) is set when data is written over unread data
in the FIFO. This bit is not reset until after the Status register is read. While
OVR is high, the RFDL and FIFO are held in the reset state, causing the FLG
and EOM bits in the status register to be reset also.
FE:
The FIFO Empty bit (FE) is high when the last FIFO entry is read and goes
low when the FIFO is loaded with new data.
If the RFDL Receive Data register is read while there is no valid data, then a
FIFO underrun condition occurs. The underrun condition is reflected in the Status
register by forcing all bits to logic zero on the first Status register read
immediately following the Received Data register read which caused the
underrun condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com