Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 151 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 151 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 147Page - PMC-Sierra, Inc PM7344 Datasheet HTML 148Page - PMC-Sierra, Inc PM7344 Datasheet HTML 149Page - PMC-Sierra, Inc PM7344 Datasheet HTML 150Page - PMC-Sierra, Inc PM7344 Datasheet HTML 151Page - PMC-Sierra, Inc PM7344 Datasheet HTML 152Page - PMC-Sierra, Inc PM7344 Datasheet HTML 153Page - PMC-Sierra, Inc PM7344 Datasheet HTML 154Page - PMC-Sierra, Inc PM7344 Datasheet HTML 155Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
135
Registers 038H, 138H, 238H and 338H: RFDL Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
TR
0
Bit 0
R/W
EN
0
EN:
The enable bit (EN) controls the overall operation of the RFDL. When set,
the RDFL is enabled; when reset, the RFDL is disabled. When the block is
disabled, the FIFO and interrupts are all cleared; however, the programming
of the Enable/Status Register is not affected. When the block is enabled, it
will immediately begin looking for flags.
TR:
Setting the terminate reception bit (TR) forces the RFDL to immediately
terminate the reception of the current HDLC frame, empty the FIFO, clear the
interrupts, and begin searching for a new flag sequence. The RFDL handles
the TR input in the same manner as if the EN bit had been cleared and then
set. The TR bit in the Configuration register will reset itself after a rising and
falling edge have occurred on the datalink clock input to the RFDL once the
write to this register has completed. If the Configuration register is read after
this time, the TR bit value returned will be zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com