Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 149 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 149 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 145Page - PMC-Sierra, Inc PM7344 Datasheet HTML 146Page - PMC-Sierra, Inc PM7344 Datasheet HTML 147Page - PMC-Sierra, Inc PM7344 Datasheet HTML 148Page - PMC-Sierra, Inc PM7344 Datasheet HTML 149Page - PMC-Sierra, Inc PM7344 Datasheet HTML 150Page - PMC-Sierra, Inc PM7344 Datasheet HTML 151Page - PMC-Sierra, Inc PM7344 Datasheet HTML 152Page - PMC-Sierra, Inc PM7344 Datasheet HTML 153Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
133
Registers 035H, 135H, 235H and 335H: XFDL Interrupt Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
INT
1
Bit 0
R/W
UDR
0
INT:
The INT bit indicates when the XFDL is ready to accept a new data byte for
transmission. The INT bit is set to a logic 1 when the previous byte in the
XFDL Transmit Data register has been loaded into the parallel to serial
converter and a new byte can be written into the XFDL Transmit Data register.
The INT bit is set to a logic 0 while new data is in the Transmit Data register.
The INT bit is not disabled by the INTE bit in the configuration register.
UDR:
The UDR bit indicates when the XFDL has underrun the data in the XFDL
Transmit Data register. The UDR bit is set to a logic 1 if the parallel to serial
conversion of the last byte in the XFDL Transmit Data register has completed
before the new byte was written into the XFDL Transmit Data register. Once
an underrun has occurred, the XFDL transmits an ABORT, followed by a flag,
and waits to transmit the next valid data byte. If the UDR bit is still set after
the transmission of the flag the XFDL will continuously transmit the all-ones
idle pattern. The UDR bit can only be cleared by writing a logic 0 to the
UDR bit position in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com