Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 150 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 150 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 146Page - PMC-Sierra, Inc PM7344 Datasheet HTML 147Page - PMC-Sierra, Inc PM7344 Datasheet HTML 148Page - PMC-Sierra, Inc PM7344 Datasheet HTML 149Page - PMC-Sierra, Inc PM7344 Datasheet HTML 150Page - PMC-Sierra, Inc PM7344 Datasheet HTML 151Page - PMC-Sierra, Inc PM7344 Datasheet HTML 152Page - PMC-Sierra, Inc PM7344 Datasheet HTML 153Page - PMC-Sierra, Inc PM7344 Datasheet HTML 154Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
134
Registers 036H, 136H, 236H and 336H: XFDL Transmit Data
Bit
Type
Function
Default
Bit 7
R/W
TD7
X
Bit 6
R/W
TD6
X
Bit 5
R/W
TD5
X
Bit 4
R/W
TD4
X
Bit 3
R/W
TD3
X
Bit 2
R/W
TD2
X
Bit 1
R/W
TD1
X
Bit 0
R/W
TD0
X
Data written to this register is serialized and transmitted on the data link least
significant bit first. The XFDL signals when the next data byte is required by
setting the TDLINT[x] output high (if enabled) and by setting the INT bit in the
XFDL Interrupt Status register high. When INT and/or TDLINT[x] is set, the
Transmit Data register must be written with the new data within 4 data bit periods
to prevent the occurrence of an underrun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com