| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 102 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 102 Page - Texas Instruments |
|
102 / 331 page ![]() 5.3.14 EHRPWM 5.3.14.1 MAIN Domain Table 5-69. EHRPWM Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM_SOCA EHRPWM Start of Conversion A O U25 EHRPWM_SOCB EHRPWM Start of Conversion B O R23 Table 5-70. EHRPWM0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM0_A EHRPWM Output A IO V29 EHRPWM0_B EHRPWM Output B IO V27 EHRPWM0_SYNCI Sync Input to EHRPWM module from an external pin I U23 EHRPWM0_SYNCO Sync Output to EHRPWM module to an external pin O U26 EHRPWM_TZn_IN0 EHRPWM Trip Zone Input 0 (active low) I V28 Table 5-71. EHRPWM1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM1_A EHRPWM Output A IO U28 EHRPWM1_B EHRPWM Output B IO U29 EHRPWM_TZn_IN1 EHRPWM Trip Zone Input 1 (active low) I U25 Table 5-72. EHRPWM2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM2_A EHRPWM Output A IO U27 EHRPWM2_B EHRPWM Output B IO U24 EHRPWM_TZn_IN2 EHRPWM Trip Zone Input 2 (active low) I R23 Table 5-73. EHRPWM3 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM3_A EHRPWM Output A IO V23 EHRPWM3_B EHRPWM Output B IO W23 EHRPWM3_SYNCI Sync Input to EHRPWM module from an external pin I W28 EHRPWM3_SYNCO Sync Output to EHRPWM module to an external pin O V25 EHRPWM_TZn_IN3 EHRPWM Trip Zone Input 3 (active low) I W27 Table 5-74. EHRPWM4 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM4_A EHRPWM Output A IO W29 EHRPWM4_B EHRPWM Output B IO W26 EHRPWM_TZn_IN4 EHRPWM Trip Zone Input 4 (active low) I Y29 Table 5-75. EHRPWM5 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM5_A EHRPWM Output A IO Y27 EHRPWM5_B EHRPWM Output B IO W24 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 102 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |