Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 104 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 100Page - Texas Instruments TDA4VM Datasheet HTML 101Page - Texas Instruments TDA4VM Datasheet HTML 102Page - Texas Instruments TDA4VM Datasheet HTML 103Page - Texas Instruments TDA4VM Datasheet HTML 104Page - Texas Instruments TDA4VM Datasheet HTML 105Page - Texas Instruments TDA4VM Datasheet HTML 106Page - Texas Instruments TDA4VM Datasheet HTML 107Page - Texas Instruments TDA4VM Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 331 page
background image
Table 5-78. SERDES0 Signal Descriptions (continued)
SIGNAL NAME [1] (2)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES0_TX0_N
SERDES Differential Transmit Data (negative)
O
AF19
SERDES0_TX0_P
SERDES Differential Transmit Data (positive)
O
AG18
SERDES0_TX1_N
SERDES Differential Transmit Data (negative)
O
AF18
SERDES0_TX1_P
SERDES Differential Transmit Data (positive)
O
AG17
(1)
The external 3.01 kΩ ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
(2)
The functionality of these pins is controlled by SERDES0_LN[1:0]_CTRL LANE_FUNC_SEL.
Table 5-79. SERDES1 Signal Descriptions
SIGNAL NAME [1] (2)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
PCIE1_CLKREQn
PCIE Clock Request Signal
IO
W1
PCIE_REFCLK1N
PCIE Reference Clock Input/Output (negative)
IO
AE14
PCIE_REFCLK1P
PCIE Reference Clock Input/Output (positive)
IO
AD15
SERDES1_REXT
(1)
External Calibration Resistor
A
AE13
SERDES1_RX0_N
SERDES Differential Receive Data (negative)
I
AH15
SERDES1_RX0_P
SERDES Differential Receive Data (positive)
I
AJ14
SERDES1_RX1_N
SERDES Differential Receive Data (negative)
I
AH16
SERDES1_RX1_P
SERDES Differential Receive Data (positive)
I
AJ15
SERDES1_TX0_N
SERDES Differential Transmit Data (negative)
O
AF15
SERDES1_TX0_P
SERDES Differential Transmit Data (positive)
O
AG14
SERDES1_TX1_N
SERDES Differential Transmit Data (negative)
O
AF16
SERDES1_TX1_P
SERDES Differential Transmit Data (positive)
O
AG15
(1)
The external 3.01 kΩ ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
(2)
The functionality of these pins is controlled by SERDES1_LN[1:0]_CTRL LANE_FUNC_SEL.
Table 5-80. SERDES2 Signal Descriptions
SIGNAL NAME [1] (2)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
PCIE2_CLKREQn
PCIE Clock Request Signal
IO
P23
PCIE_REFCLK2N
PCIE Reference Clock Input/Output (negative)
IO
AE11
PCIE_REFCLK2P
PCIE Reference Clock Input/Output (positive)
IO
AD12
SERDES2_REXT
(1)
External Calibration Resistor
A
AD13
SERDES2_RX0_N
SERDES Differential Receive Data (negative)
I
AH13
SERDES2_RX0_P
SERDES Differential Receive Data (positive)
I
AJ12
SERDES2_RX1_N
SERDES Differential Receive Data (negative)
I
AH12
SERDES2_RX1_P
SERDES Differential Receive Data (positive)
I
AJ11
SERDES2_TX0_N
SERDES Differential Transmit Data (negative)
O
AF13
SERDES2_TX0_P
SERDES Differential Transmit Data (positive)
O
AG12
SERDES2_TX1_N
SERDES Differential Transmit Data (negative)
O
AF12
SERDES2_TX1_P
SERDES Differential Transmit Data (positive)
O
AG11
(1)
The external 3.01 kΩ ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
(2)
The functionality of these pins is controlled by SERDES2_LN[1:0]_CTRL LANE_FUNC_SEL.
Table 5-81. SERDES3 Signal Descriptions
SIGNAL NAME [1] (2)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
PCIE3_CLKREQn
PCIE Clock Request Signal
IO
R28
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
104
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com