| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 109 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 109 Page - Texas Instruments |
|
109 / 331 page ![]() Table 5-86. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPMC0_AD8 GPMC Data 8 Input/Output in A/D non-multiplexed mode and additionally Address 9 Output in A/D multiplexed mode IO AB27 GPMC0_AD9 GPMC Data 9 Input/Output in A/D non-multiplexed mode and additionally Address 10 Output in A/D multiplexed mode IO AA24 GPMC0_AD10 GPMC Data 10 Input/Output in A/D non-multiplexed mode and additionally Address 11 Output in A/D multiplexed mode IO AA28 GPMC0_AD11 GPMC Data 11 Input/Output in A/D non-multiplexed mode and additionally Address 12 Output in A/D multiplexed mode IO Y24 GPMC0_AD12 GPMC Data 12 Input/Output in A/D non-multiplexed mode and additionally Address 13 Output in A/D multiplexed mode IO AA25 GPMC0_AD13 GPMC Data 13 Input/Output in A/D non-multiplexed mode and additionally Address 14 Output in A/D multiplexed mode IO Y25 GPMC0_AD14 GPMC Data 14 Input/Output in A/D non-multiplexed mode and additionally Address 15 Output in A/D multiplexed mode IO AA26 GPMC0_AD15 GPMC Data 15 Input/Output in A/D non-multiplexed mode and additionally Address 16 Output in A/D multiplexed mode IO AA29 GPMC0_BE0n_CLE GPMC Lower-Byte Enable (active low) or Command Latch Enable O AD21 GPMC0_BE1n GPMC Upper-Byte Enable (active low) O AC23, W24 GPMC0_CSn0 GPMC Chip Select 0 (active low) O AF21 GPMC0_CSn1 GPMC Chip Select 1 (active low) O Y23 GPMC0_CSn2 GPMC Chip Select 2 (active low) O AH23 GPMC0_CSn3 GPMC Chip Select 3 (active low) O AD22 GPMC0_WAIT0 GPMC External Indication of Wait I AG22 GPMC0_WAIT1 GPMC External Indication of Wait I AF22 GPMC0_WAIT2 GPMC External Indication of Wait I V24 GPMC0_WAIT3 GPMC External Indication of Wait I V26 5.3.20 MMC 5.3.20.1 MAIN Domain Table 5-87. MMC0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MMC0_CALPAD (1) MMC/SD/SDIO Calibration Resistor A AE1 MMC0_CLK MMC/SD/SDIO Clock O AF1 MMC0_CMD (2) MMC/SD/SDIO Command IO AE3 MMC0_DS MMC Data Strobe IO AE4 MMC0_DAT0 (2) MMC/SD/SDIO Data IO AG2 MMC0_DAT1 (2) MMC/SD/SDIO Data IO AH1 MMC0_DAT2 (2) MMC/SD/SDIO Data IO AG3 MMC0_DAT3 (2) MMC/SD/SDIO Data IO AF4 MMC0_DAT4 (2) MMC/SD/SDIO Data IO AE5 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 109 Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |